Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 7Page - List of Unclassifed Manufacturers AXM Datasheet HTML 8Page - List of Unclassifed Manufacturers AXM Datasheet HTML 9Page - List of Unclassifed Manufacturers AXM Datasheet HTML 10Page - List of Unclassifed Manufacturers AXM Datasheet HTML 11Page - List of Unclassifed Manufacturers AXM Datasheet HTML 12Page - List of Unclassifed Manufacturers AXM Datasheet HTML 13Page - List of Unclassifed Manufacturers AXM Datasheet HTML 14Page - List of Unclassifed Manufacturers AXM Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 122 page
background image
22 AWG PVC WIRE
E-ZZ-M
MICRO-HHOOK TTEST LLEADS: XXM, XXG && XXK
MODEL XXM
MODEL XXK
ALL M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Standard wire for the following leads
is 22 AWG PVC or 22 AWG coil cord,
unless otherwise specified.
Additional lead lengths, wire types, and custom leads are available upon request.
Test leads available
in the above colors.
PLEASE SPECIFY LENGTH IN INCHES
WHEN ORDERING
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color)= 10 of one color
S14
= Set of 10 solid, 4 kilo color*
S16
= Set of 10 solid, 6 kilo color*
(Ex. 204XM-12-S or 204XM-12-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
3”
6”
12”
18”
8cm
15cm
30cm
45cm
48” Coil Cord
24”
36”
48”
60”
60cm
90cm
120cm
150cm
Standard lengths include:
MICRO-HHOOK TTO M
MICRO-HHOOK JJUMPER
MICRO-HHOOK: See selected model style.
MICRO-HHOOK: See selected model style.
MICRO-HHOOK TTO LLEAD O
ONLY .. .. .. N
NO IINTERFACE
MICRO-HHOOK TTO SSTANDARD BBANANA PPLUG
MICRO-HHOOK: See selected model style.
STANDARD BBANANA PPLUG: See Part No. 9202.
MODEL XXG (Select XXG25, XXG31 oor XXG40)
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (Example: 204XM-12-RED)
Hook Model
Part Number
XM
204XM-(length)-(color)
XK
204XK-(length)-(color)
XG (25,31,or 40)
204XG25-(length)-(color)
Coil cord, add C after part no. (Ex. 204XMC)
28 AWG PVC WIRE
Hook Model
Part Number
XM
704XM-(length)-(color)
XK
704XK-(length)-(color)
XG (25,31,or 40)
704XG25-(length)-(color)
24 AWG TEFLON WIRE
Hook Model
Part Number
XM
304XM-(length)-(color)
XK
304XK-(length)-(color)
XG (25,31,or 40)
304XG25-(length)-(color)
28 AWG PVC WIRE
Hook Model
Part Number
XM
713XM-(length)-(color)
XK
713XK-(length)-(color)
XG (25,31,or 40)
713XG25-(length)-(color)
24 AWG TEFLON WIRE
Hook Model
Part Number
XM
313XM-(length)-(color)
XK
313XK-(length)-(color)
XG (25,31,or 40)
313XG25-(length)-(color)
22 AWG PVC WIRE
Hook Model
Part Number
XM
213XM-(length)-(color)
XK
213XK-(length)-(color)
XG (25,31,or 40)
213XG25-(length)-(color)
Coil cord, add C after part no. (Ex. 213XMC)
22 AWG PVC WIRE
Hook Model
Part Number
XM
BXM-(length)-(color)
XK
BXK-(length)-(color)
XG (25,31,or 40)
BXG25-(length)-(color)
Coil cord, add C after part no. (Ex. BXMC)
XM m
model sshown
XM m
model sshown
XM m
model sshown
8
www.e-zz-hhooook.coom
m



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com