Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 35 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 35 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 31Page - List of Unclassifed Manufacturers AXM Datasheet HTML 32Page - List of Unclassifed Manufacturers AXM Datasheet HTML 33Page - List of Unclassifed Manufacturers AXM Datasheet HTML 34Page - List of Unclassifed Manufacturers AXM Datasheet HTML 35Page - List of Unclassifed Manufacturers AXM Datasheet HTML 36Page - List of Unclassifed Manufacturers AXM Datasheet HTML 37Page - List of Unclassifed Manufacturers AXM Datasheet HTML 38Page - List of Unclassifed Manufacturers AXM Datasheet HTML 39Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 122 page
background image
MODEL XXEL
AVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
Hook Model
Part Number
PVC 18 AWG
604XEL-(length)-(color)
Coil Cord, 20 AWG
604XELC-(length)-(color)
Silicone, 18 AWG
404XEL-(length)-(color)
E-ZZ-HHOOK XXEL: See Basic Part No. XEL.
E-ZZ-HHOOK XXEL TTO EE-ZZ-HHOOK XXEL JJUMPER
E-ZZ-HHOOK XXEL TTO LLEAD O
ONLY .. .. .. N
NO IINTERFACE
E-ZZ-HHOOK XXEL: See Basic Part No. XEL.
Hook Model
Part Number
PVC, 18 AWG
613XEL-(length)-(color)
Coil Cord, 20 AWG
613XELC-(length)-(color)
Silicone, 18 AWG
413XEL-(length)-(color)
E-ZZ-HHOOK XXEL TTO SSTANDARD BBANANA PPLUG
E-ZZ-HHOOK XXEL: See Basic Part No. XEL.
STANDARD BBANANA PPLUG: See Part No. 9214.
Hook Model
Part Number
PVC, 18 AWG
BXEL-(length)-(color)
Coil Cord, 20 AWG
BXELC-(length)-(color)
Silicone, 18 AWG
BXEL4-(length)-(color)
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color) = 10 of one color
S14
= Set of 10 solid, 4 kilo color*
S16
= Set of 10 solid, 6 kilo color*
(Ex. 604XEL-12-S or 604XEL-12-R/B)
Muti-color Unit:
*See Kilo-Color Info on inside back
cover.
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Standard wire for the following
leads is 18 AWG PVC or 20
AWG coil cord, unless otherwise
noted.
Test leads available
in the above colors.
PLEASE SPECIFY LENGTH IN
INCHES WHEN ORDERING
Additional lead lengths, wire types, and custom leads are available upon request.
Standard lengths include:
E-ZZ-M
MACRO-HHOOK, IINSULATION-PPIERCING TEST LEADS: XEL
32
www.e-zz-hhooook.coom
m
12”
18”
24”
30cm
45cm
60cm
60” Coil Cord
36”
48”
60”
90cm
120cm
150cm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com