Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 26 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 26 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 22Page - List of Unclassifed Manufacturers AXM Datasheet HTML 23Page - List of Unclassifed Manufacturers AXM Datasheet HTML 24Page - List of Unclassifed Manufacturers AXM Datasheet HTML 25Page - List of Unclassifed Manufacturers AXM Datasheet HTML 26Page - List of Unclassifed Manufacturers AXM Datasheet HTML 27Page - List of Unclassifed Manufacturers AXM Datasheet HTML 28Page - List of Unclassifed Manufacturers AXM Datasheet HTML 29Page - List of Unclassifed Manufacturers AXM Datasheet HTML 30Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 122 page
background image
E-ZZ-M
MACRO-HHOOK: XH && XXHL
Part Number
Description
XH-(color)
Macro-Hook Test Connector
XHL-(color)
Macro Hook Test Connector, Long
Heavy-duty test hook ideal for connections over large leads, lugs
and terminals. Spring loaded and insulated to a single contact
point to assure true readings.
Standard M
Model CConstruction:
Body and plunger made of durable nylon. One piece nickel-silver conductor and hook,
.050”(1.27mm) thick. Hook fits over component up to .140” (3.56mm) diameter. Stainless steel
compression coil spring provides approximately 40 ounces (1134 grams) contact pressure.
Part is field serviceable (see page 1).
RIGHT AANGLE CCONTACT HHOOK
Construction: Identical to basic
XH/XHL models except contact
blade has a right angle hook.
Note: XD and XDL parts may be substitued in any test lead or
cable assembly utilizing the basic XH/XHL parts. See pages 24-25.
Part Number
Description
XD-(color)
Right Angle Macro Hook
XDL-(color)
Right Angle Macro Hook, Long
COPPER HHOOK CCONTACT,
PROVIDES GREATER
CURRENT CCAPACITY
Construction: Identical to basic
XH/XHL models except the hook is
made of .054” (1.37mm) thick copper.
Note: XCH and XCHL parts may be substitued in any test lead or
cable assembly utilizing the basic XH/XHL parts. See pages 24-25.
Part Number
Description
XCH-(color)
Copper Contact Macro Hook
XCHL-(color)
Copper Contact Macro Hook, Long
XH
XHL
Colors: Available in 10 colors. See inside back cover for details.
23
XH m
model
XHL m
model
Orrderr DDesk: 11 ((800) 9995-HHOOK
Actual SSize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com