Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 74 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 74 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 70Page - List of Unclassifed Manufacturers AXM Datasheet HTML 71Page - List of Unclassifed Manufacturers AXM Datasheet HTML 72Page - List of Unclassifed Manufacturers AXM Datasheet HTML 73Page - List of Unclassifed Manufacturers AXM Datasheet HTML 74Page - List of Unclassifed Manufacturers AXM Datasheet HTML 75Page - List of Unclassifed Manufacturers AXM Datasheet HTML 76Page - List of Unclassifed Manufacturers AXM Datasheet HTML 77Page - List of Unclassifed Manufacturers AXM Datasheet HTML 78Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 122 page
background image
E-ZZ-N
NAILCLIP KKITS
HARNESS BBOARD AACCESSORIES
NAILCLIP KKITS O
OF 550 TTEST TTERMINALS
Kit contains: 50 red nailclips and T-20 driving tool
Part No.
Description
8150T
Kit of 50 Red Part No. 81-1 Standard Nailclips
8350T
Kit of 50 Red Part No. 83-8 Nailclips for Multiple Wires
8450T
Kit of 50 Part No. 84-1 High Temperature Nailclips
NAILCLIP KKITS O
OF 550 TTEST TTERMINALS AAND 550 PPERF-EEZE AADAPTERS
Kit contains: 50 red nailclips and 50 PE-93 Perf-eze adapters for use with standard
.093” (2.36mm) perf board (board not furnished).
Part No.
Description
8150PE
Kit of 50 Red Part No. 81-1 Standard Nailclips, 50 PE-93 Perf-eze Adapters
8350PE
Kit of 50 Red Part No. 83-8 Nailclips for Multiple Wires, 50 PE-93 Perf-eze Adapters
8450PE
Kit of 50 Part No. 84-1 High Temperature Nailclips, 50 PE-93 Perf-eze Adapters
SPIRAL-EEZ HHARNESS W
WRAP
Part No.
—Length
Material
A
B
C
Max Bundle
SE250P—100, 500
Polyethylene .375” .250” .040”
2"
SE500P—100, 250
Polyethylene .562” .500” .058”
4"
SE750P—50, 100
Polyethylene .750” .750” .065”
6"
SE250N—100, 500
Nat. Nylon
.375” .250” .030”
2"
SE500N—100, 250
Nat. Nylon
.562” .500” .030”
4"
SE750N—50, 100
Nat. Nylon
.750” .750” .040”
6"
71
Orrderr DDesk: 11 ((800) 9995-HHOOK
EE-ZZ-HHooookk iiss tthhee bbeesstt cchhooiiccee ffoorr
qquuiicckk ccoonnnneecctt,, eeaassyy ttoo uussee
hhaarrnneessss bbooaarrdd ssoolluuttiioonnss
Each kit contains: 24 Nailclips (select nailclip model), 24 PE-93 Perf-eze
adapters, 1 perf board -- 4.8” (121.9mm) x 8.5”(215.9mm),
Thickness -- .09315” (2.38mm), Grid -- .265” (6.75mm),
Rubber feet and instruction folder.
Nailclip Colors: 4 black, 4 red, 2 each of the remaining 8 colors.
BREADBOARDING KKITS
Part No.
Description
8124
Kit of 24 Part No. 81-1 Standard Nailclips
8324
Kit of 24 Part No. 83-8 Nailclips for Multiple Wires
8424
Kit of 24 Part No. 84-1 High Temperature Nailclips



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com