Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 80 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 80 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 76Page - List of Unclassifed Manufacturers AXM Datasheet HTML 77Page - List of Unclassifed Manufacturers AXM Datasheet HTML 78Page - List of Unclassifed Manufacturers AXM Datasheet HTML 79Page - List of Unclassifed Manufacturers AXM Datasheet HTML 80Page - List of Unclassifed Manufacturers AXM Datasheet HTML 81Page - List of Unclassifed Manufacturers AXM Datasheet HTML 82Page - List of Unclassifed Manufacturers AXM Datasheet HTML 83Page - List of Unclassifed Manufacturers AXM Datasheet HTML 84Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 122 page
background image
Part No. Resistance
TE-775 75 0hm, 1/2 watt 1%
BNC CCONNECTOR FFOR RRG59 SSINGLE SSHIELDED VVIDEO CCABLE
Part No. Description
8910
Male BNC Connector
BNC Connector for RG59
single shielded video cable
connector used on 7501 series
cable.
BNC CCONNECTOR FFOR 775 oohm DDOUBLE SSHIELDED VVIDEO CCABLE
Part No. Description
8909
Male BNC Connector
BNC Connector for 75 OHM
double shielded video cable
connector used on 7000 series
cable.
Frequency Range
50 O
OHM, 22 W
WATT AATTENUATORS W
WITH TT-PPAD N
NETWORK.
MALE BBNC TTO FFEMALE BBNC
Part No.
Attenuation
AT-33
3db
AT-66
6db
AT-110
10db
AT-114
14db
AT-220
20db
+ .4 db to 1 GHz
VSWR 1.1 to 1 GHz
+ .45 db to 2 GHz
VSWR 1.2 to 2 GHz
+ .65 db to 4 GHz
VSWR 1.35 to 4 GHz
+ .75 db to 6 GHz
VSWR 1.45 to 6 GHz
+ 1.0 db to 8 GHz
VSWR 1.65 to 8 GHz
BNC PPLUGS, RRECEPTACLES AAND AADAPTERS
SMA PPLUGS AAND AADAPTERS
BASIC IINFORMATION
Construction:
Male CConnectors: Beryllium copper body and fittings. Teflon
insulators. Brass contact. Hard gold-plated finish. Crimp-on
assembly.
Female CConnectors: Beryllium copper body and fittings. Teflon
insulators. Beryllium copper contact. Hard gold-plated finish.
Crimp-on assembly.
Part No.
Description
9247
Right Angle SMA Female to SMA Male Adapter
RIGHT AANGLE SSMA FFEMALE TTO SSMA M
MALE AADAPTER
Part No.
Description
9245
SMA Male to SMA Male Adapter
SMA M
MALE TTO SSMA M
MALE AADAPTER
Part No.
Description
8921
SMA Male Connector
8929
SMA Male Connector, Stainless Steel
SMA M
MALE CCONNECTOR FFOR RRG174/U CCABLE
Part No.
Description
9246
SMA Female to SMA Female Adapter
SMA FFEMALE TTO SSMA FFEMALE AADAPTER
SMA FFEMALE CCONNECTOR FFOR RRG174/U CCABLE
Part No.
Description
8922
SMA Female Connector
77
Orrderr DDesk: 11 ((800) 9995-HHOOK
MALE BBNC TTERMINATOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com