Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 38 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 38 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 34Page - List of Unclassifed Manufacturers AXM Datasheet HTML 35Page - List of Unclassifed Manufacturers AXM Datasheet HTML 36Page - List of Unclassifed Manufacturers AXM Datasheet HTML 37Page - List of Unclassifed Manufacturers AXM Datasheet HTML 38Page - List of Unclassifed Manufacturers AXM Datasheet HTML 39Page - List of Unclassifed Manufacturers AXM Datasheet HTML 40Page - List of Unclassifed Manufacturers AXM Datasheet HTML 41Page - List of Unclassifed Manufacturers AXM Datasheet HTML 42Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 122 page
background image
TEST PPROBE Select probe model.
LEAD WIRE: 18 AWG PVC
STANDARD BBANANA PPLUG: See Part No. 9214.
Standard wire for the following leads is 18 AWG PVC.
20 AWG coil cord (10” coil length, 6” pigtails) is also available.
Additional lead lengths, wire types, and custom leads are available upon request.
PLEASE SPECIFY LENGTH IN INCHES WHEN ORDERING
ALL PPROBE M
MODELS AAVAILABLE IIN TTHE FFOLLOWING TTEST LLEAD CCOMBINATIONS
Standard lengths include:
PROBE 334
PROBE 333
PROBE 330
Probe No.
Part No.
Probe 30
658-(length)-(color)
Probe 32
BX632-(length)-(color)
Probe 33
BX633-(length)-(color)
Probe 34
BX634-(length)-(color)
Coil cord, add C after part no. (for ex. BX633C)
TEST PPROBE: Select probe model.
LEAD WIRE: 18 AWG PVC
STACKING SSTANDARD BBANANA PPLUG: See Part No. 9260.
Probe No.
Part No.
Probe 30
659-(length)-(color)
Probe 32
60132-(length)-(color)
Probe 33
60133-(length)-(color)
Probe 34
60134-(length)-(color)
Coil cord, add C after part no. (for ex. 659C)
TEST PPROBE: See probe model style.
LEAD WIRE: 18 AWG PVC
METER BBANANA PPLUG: See Part No. 9206.
Probe No.
Part No.
Probe 30
662-(length)-(color)
Probe 32
60532-(length)-(color)
Probe 33
60533-(length)-(color)
Probe 34
60534-(length)-(color)
Coil cord, add C after part no. (for ex. 60534C)
Ordering iinformation:
PART NO. - WIRE LENGTH - COLOR (ex. 658-12-RED)
TEST PPROBE: Select probe model.
LEAD WIRE: 18 AWG PVC
.080” ((2.03mm) PPIN PPLUG: See Part No. 9250.
Probe No.
Part No.
Probe 30
660-(length)-(color)
Probe 32
AX632-(length)-(color)
Probe 33
AX633-(length)-(color)
Probe 34
AX634-(length)-(color)
Coil cord, add C after part no. (for ex. AX633C)
35
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
Orrderr DDesk: 11 ((800) 9995-HHOOK
TEST PPROBE LLEADS
PROBE 332
36”
48”
60”
90cm
120cm
150cm
COLOR CHART
30 & 34 Red, black, blue, green
32 & 33 Red, black
TEST PPROBE TTO SSTANDARD BBANANA PPLUG
TEST PPROBE TTO SSTACKING SSTANDARD BBANANA PPLUG
TEST PPROBE TTO M
METER BBANANA PPLUG
TEST PPROBE TT0 ..080” ((2.03mm) PPIN PPLUG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com