Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 96 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 96 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 92Page - List of Unclassifed Manufacturers AXM Datasheet HTML 93Page - List of Unclassifed Manufacturers AXM Datasheet HTML 94Page - List of Unclassifed Manufacturers AXM Datasheet HTML 95Page - List of Unclassifed Manufacturers AXM Datasheet HTML 96Page - List of Unclassifed Manufacturers AXM Datasheet HTML 97Page - List of Unclassifed Manufacturers AXM Datasheet HTML 98Page - List of Unclassifed Manufacturers AXM Datasheet HTML 99Page - List of Unclassifed Manufacturers AXM Datasheet HTML 100Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 122 page
background image
BNC M
MALE TTO ..025 SSQUARE SSOCKET AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
.025” Square Socket: Part No. 9205-HS. Brass body. Gold-plated beryllium copper
spring. Crimp assembly. Covered with black heat shrink.
BNC M
MALE TTO ..250” SSPADE LLUGS AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
.250” Spade Lug: Part No. 9208. Plastic handle. .050” (1.27mm) thick nickel plated
brass lug. Solder assembly.
BNC M
MALE TTO ..140” SSPADE LLUG AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
.140” Spade Lug: Part No. 9209. Vinyl insulator. Tin plated copper lug. Crimp assembly.
BNC M
MALE TTO LLEAD O
ONLY, 118 AAWG PPVC
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
BNC M
MALE TTO LLEAD O
ONLY, 220 AAWG PPVC
MINIATURE AALLIGATOR CCLIP AADAPTER
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Miniature Alligator Clip: Part No. 9275.
Alligator is nickel-plated steel. Insulator
is molded P.V.C. Solder assembly.
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle
Wire: 18 AWG 65 x 36 tinned copper PVC insulation .144” O.D.
Standard Alligator Clip: Part No. 9274.
Alligator is nickel-plated steel. Insulator
is molded P.V.C. Solder assembly.
STANDARD AALLIGATOR CCLIP AADAPTER
STACKING SSTANDARD BBANANA PPLUG AADAPTER
BNC BBREAKOUTS
93
Orrderr DDesk: 11 ((800) 9995-HHOOK
Part No.
1016
Part No.
9029
Part No.
9029-M
M
Part No.
1017-66
Part No.
1017-225
Part No.
1011-M
M
Part No.
1015-M
M
Part No.
1018
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
Black Ground
Red Center
BNC Male: Tarnish resistant plated brass body and fitting. Male center and outer
contacts are silver plated. Connector is housed in a molded nylon black handle.
Wire: 20 AWG 105 x 40 tinned copper PVC insulation .080” O.D.
Stacking Standard Banana Plug: Part No. 9203. Nickel-plated brass body. Phosphor
bronze spring. Nylon handle. Solderless assembly.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com