Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 61 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 61 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 57Page - List of Unclassifed Manufacturers AXM Datasheet HTML 58Page - List of Unclassifed Manufacturers AXM Datasheet HTML 59Page - List of Unclassifed Manufacturers AXM Datasheet HTML 60Page - List of Unclassifed Manufacturers AXM Datasheet HTML 61Page - List of Unclassifed Manufacturers AXM Datasheet HTML 62Page - List of Unclassifed Manufacturers AXM Datasheet HTML 63Page - List of Unclassifed Manufacturers AXM Datasheet HTML 64Page - List of Unclassifed Manufacturers AXM Datasheet HTML 65Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 122 page
background image
MULTI-LLEAD TTEST SSYSTEMS
PCB CCONNECTOR TTO ..025” ((.635MM) SSQUARE SSOCKETS
Connector housing: Available with .025” sq. sockets
or pins installed. Size determined by no. of leads required (see Fig. 3)
Standard lead lengths (inches): 6, 12, 18, 24, 30 & 36
Housing With Sockets Installed: (See Fig. 1)
Part No. PCB-SS (No. of sockets) - (Length),
Housing With Pins Installed: (See Fig. 2)
Part No. PLA-SS (No. of sockets) - (Length)
MULTI-LLEAD AASSEMBLY W
WITH XXM M
MICRO-HHOOKS
Part No. MHA - (No. of hooks) - (Length),
Connector housing: 40 position only, 2 rows of 20.
No. of leads: Specify from 1-40 leads .
Standard lead lengths (inches): 6, 12, 18, 24, 30 & 36
Wire Type: 22AWG 65 x 40 tinned copper.
(See Fig. 4 for color code and lead location. KILO-COLOR
system used for 11 or more leads.)
PCB CCONNECTOR TTO EE-ZZ HHOOKS
Connector housing: Available with .025” sq. sockets or pins installed.
Size determined by no. of leads required (See Fig. 3)
Standard lead lengths (inches): 6, 12, 18, 24, 30 & 36
Housing with sockets: (Fig. 1)
PCB - XXK - (No. of hooks) (Length)
PCB - XXM - (No. of hooks) (Length)
PCB - XX100W - (No. of hooks) (Length)
PCB - PPICO - (No. of hooks) (Length)
Housing with pins: (Fig. 2)
PLA - XXK - (No. of hooks) (Length)
PLA - XXM - (No. of hooks) (Length)
PLA - XX100W - (No. of hooks) (Length)
PLA - PPICO - (No. of hooks) (Length)
A choice of easy-to-use, quality multi-lead test systems are available to meet your specific
requirements, providing single and dual in-line interconnections. Leads with sockets and
E-Z-Hooks are available in 10-color repeat series.
MULTI-LLEAD AASSEMBLY W
WITH ..025” ((.635mm) SSQUARE
SOCKETS
Part No. MLA - (No. of sockets) -(Length)
Connector housing: 40 position only, 2 rows of 20.
No. of leads: Specify from 1-40 leads.
Standard lead lengths (inches): 6, 12, 18, 24, 30 & 36
Wire type: 22AWG 65 x 40 tinned copper.
(See Fig. 4 for color code and lead location.10 color repeat)
FIG. 44
REAR VIEW OF HOUSING COLOR CODE:
1- Brown; 2 - Red; 3 - Orange; 4 - Yellow; 5 - Green;
6 - Blue; 7 - Violet; 8 - Gray; 9 - White; O - Black.
Color code matches industry-standard RESISTOR COLOR
CODE, also used to identify wire numbering position for
standard E-Z-Hook part numbers. Assemblies can be
customized to meet special requirements. See inside back
cover for more KILO-COLOR information.
FIG. 11
INTERCONNECT DETAIL FOR PART NUMBER
WITH PCB, MLA & MHA PREFIXES
FIG. 33
HOUSING SIZES: WHEN ORDERING LEAD ASSEMBLY,
SPECIFY NO. OF POSITIONS. IF SINGLE ROW, 2 THRU
36; DOUBLE ROW, 2 X 2 THRU 2 X 36 (Polarizing Key
Available on Request).
FIG. 22
MALE INTERCONNECT FOR PLA (Pin lead
assembly) PART NUMBERS
58
www.e-zz-hhooook.coom
m
.025” square sockets mate with E-Z-Hook
Model Numbers: P25, XM25, XKM,
XK25SS and XR25.
.025” square sockets mate with E-Z-Hook Model
Numbers: P25, XM25, XKM, XK25SS and XR25.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com