Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 5Page - List of Unclassifed Manufacturers AXM Datasheet HTML 6Page - List of Unclassifed Manufacturers AXM Datasheet HTML 7Page - List of Unclassifed Manufacturers AXM Datasheet HTML 8Page - List of Unclassifed Manufacturers AXM Datasheet HTML 9Page - List of Unclassifed Manufacturers AXM Datasheet HTML 10Page - List of Unclassifed Manufacturers AXM Datasheet HTML 11Page - List of Unclassifed Manufacturers AXM Datasheet HTML 12Page - List of Unclassifed Manufacturers AXM Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 122 page
background image
E-ZZ M
MICRO-HHOOK: XM
The XM Micro-Hook is designed for use where weight and leverage may
damage components. Its lightweight body (less than 1 gram) and hypo-action
easily allows for direct hook up to delicate wires and components. Insulation
to a single contact point assures accurate readings and the barrier on the tip
prevents shorting between components.
Colors: Available in 10 colors. See inside back cover for details.
Part Number
Description
XM-(color)
Micro-Hook Test Connector
Construction: One-piece beryllium copper, gold-plated conductor
and hook. Made for connections over component leads up to
.025” (.635mm) diameter. Durable nylon body and plunger.
Stainless steel compression coil spring provides approximately 8
ounces (227 grams) contact pressure.
Part is field serviceable (see page 1).
XM MICRO HOOK WITH ..025” SSQUARE PPIN
Part Number
Description
XM25-((color)
XM with .025” Square Pin
Construction: Identical to standard XM model except a one-piece gold-
plated beryllium copper blade forms hook, conductor and .025”
(.635mm) square pin. Pin is accessible through lead exit slot in plunger
and permits connection to .025” square or .030” round sockets.
XM
Part Number
Description
XM25SS-((color) XM with .025” Square Pin, Stainless Steel
Construction: Identical to XM25 model except blade is stainless steel.
XM N
NON-M
MAGNETIC
Construction: Identical to standard XM model except spring is non-
magnetic.
Part Number
Description
XM-N
NM-(color)
Non-Magnetic, Micro-Hook
Note: Add -N
NM after part number to indicate non-magnetic XM hook.
(ex. XM-NM-color ).
Part Number
For PC Board
Dimensions
Hole Diameters
A
XG25-(color) .025” (.635mm)
.023”
.027” (.686mm)
(.584mm)
XG31-(color) .031” (.787mm)
.028”
.033” (.838mm)
(.711mm)
XG40-(color) .040” (1.016mm)
.034”
.042” (1.066mm) (.863mm)
The E-Z-Micro-Lock XG series test connectors are designed to slip into plated-
through PC board test point holes and lock onto the board freeing your hands
and providing a safe, sure, short-free test connection. Available in 3 sizes to fit
holes ranging from .025” (.635mm) to .042” (1.066mm) diameters.
Construction: One-piece beryllium copper, gold-plated conductor
and closed-design hook in 3 sizes to fit specific PC board holes.
See part number box above. Durable nylon body and plunger.
Stainless steel compression coil spring provides approximately 8
ounces (227 grams) contact pressure.
Fits diameters
Fits diameters
Fits diameters
.025” ( 635mm) to
.031” ( 787mm) to
.040” (l.016mm) to
.027” ( .638mm)
.033” ( 838mm)
.042” (1.066mm)
E-ZZ M
MICRO-LLOCK HHOOK: XG
XM HHIGH TTEMPERATURE
Construction: Identical to standard XM model except body and plunger are
molded of mineral reinforced nylon for maximum temperature of 150OC
(300OF) over short time cycles. Over extended time periods, maximum
temperature is 122OC (250OF). Resistant to a wide variety of oils, solvents
and chemicals.
Colors: Black and white.
Part Number
Description
XMX-(color)
High Temperature Micro-Hook
XM MICRO HOOK WITH ..025” SSQUARE PPIN, SSTAINLESS STEEL
Colors: Available in 10 colors. See inside back cover for details.
6
E-ZZ-HHook llead ooptions: Use with .025” or .030” socket patch cords on
pages 52-53.
XG
www.e-zz-hhooook.coom
m
Actual SSize
Actual SSize



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com