Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 43 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 43 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 39Page - List of Unclassifed Manufacturers AXM Datasheet HTML 40Page - List of Unclassifed Manufacturers AXM Datasheet HTML 41Page - List of Unclassifed Manufacturers AXM Datasheet HTML 42Page - List of Unclassifed Manufacturers AXM Datasheet HTML 43Page - List of Unclassifed Manufacturers AXM Datasheet HTML 44Page - List of Unclassifed Manufacturers AXM Datasheet HTML 45Page - List of Unclassifed Manufacturers AXM Datasheet HTML 46Page - List of Unclassifed Manufacturers AXM Datasheet HTML 47Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 122 page
background image
VARIABLE SPACING PROBE
TEST PPROBE: Body of probe is made of molded nylon, contacts are hardened steel. Variable spacing probe can be opened to a maximum of one
inch (25.4mm). Ideal for single handed probing. Probe No. 4081 style is equipped with an activation switch that lets your meter receive a reading only
when switch is depressed. Probe No. 4080 is without activation switch. See wiring schematics.
COLOR CCHOICES: Center contact side is red, ground side is black.
CABLE: RG174/U, 50 Ohm, 26 AWG. COLOR: Black.
VARIABLE SSPACING TTEST PPROBE W
WITH O
OR W
WITHOUT AACTIVATION SSWITCH FFOR CCENTER CCONTACT TTO M
MALE BBNC
BNC M
MALE W
WITH SSTRAIN RRELIEF BBOOT: Brass body and fittings, teflon
insulators, silver or gold-plated brass contact, bright tarnish resistant
metal alloy finish. Strain relief boot is made of black molded PVC.
Part No.
Description
4081-(length)-(color) Variable Spacing Probe WITH
Activation Switch
4080-(length)-(color) Variable Spacing Probe WITHOUT
Activation Switch
VARIABLE SSPACING TTEST PPROBE W
WITH O
OR W
WITHOUT AACTIVATION SSWITCH TTO DDOUBLE SSTACKING BBANANA PPLUG
TEST PPROBE See selected probe style.
DOUBLE SSTACKING BBANANA PPLUG: Nylon handle. Nickel-silver
springs. Nickel-plated brass socket. Solderless assembly. See
Part No. DB750.
COLOR: Black.
Part No.
Description
4083-(length)-(color) Variable Spacing Probe WITH Activation
Switch to Double Stacking Banana Plug
4082-(length)-(color) Variable Spacing Probe WITHOUT Activation
Switch to Double Stacking Banana Plug
VARIABLE SSPACING TTEST PPROBE W
WITH O
OR W
WITHOUT AACTIVATION SSWITCH TTO SSHROUDED RRIGHT AANGLE BBANANA PPLUGS
TEST PPROBE See selected probe style.
RIGHT AANGLE BBANANA PPLUGS: Nickel-plated brass body.
Nickel-plated phosphor bronze springs. Plastic handle.
Solderless assembly. See Part No. 9302.
COLOR: 1 red and 1 black.
40
www.e-zz-hhooook.coom
m
Part No.
Description
4085-(length)-(color) Variable Spacing Probe WITH Activation
Switch to Shrouded Right Angle Banana Plugs
4084-(length)-(color) Variable Spacing Probe WITHOUT Activation
Switch to Shrouded Right Angle Banana Plugs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com