Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 88 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 88 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 84Page - List of Unclassifed Manufacturers AXM Datasheet HTML 85Page - List of Unclassifed Manufacturers AXM Datasheet HTML 86Page - List of Unclassifed Manufacturers AXM Datasheet HTML 87Page - List of Unclassifed Manufacturers AXM Datasheet HTML 88Page - List of Unclassifed Manufacturers AXM Datasheet HTML 89Page - List of Unclassifed Manufacturers AXM Datasheet HTML 90Page - List of Unclassifed Manufacturers AXM Datasheet HTML 91Page - List of Unclassifed Manufacturers AXM Datasheet HTML 92Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 122 page
background image
BNC M
MALE W
WITH SSTRAIN RRELIEF BBOOT TTO CCABLE O
ONLY .. .. .. N
NO IINTERFACE
RG58C/U
RG174/U
RG59/U
RG62B/U
MIC
Part No.
Part No.
Part No.
Part No.
Part No.
1222-(length) 4222-(length) 7522-(length) 6222-(length) 2222-(length)
BNC CCOAXIAL TTEST CCABLES
BNC M
MALE TTO BBNC M
MALE W
WITH SSTRAIN RRELIEF BBOOTS
RG58C/U
RG174/U
RG59/U
MIC
Standard Weatherproof Standard Weatherproof Standard Weatherproof
Std Only
1026
1726
4026
4726
7526
7726
2026
QUICK DDISCONNECT BBNC CCABLE AASSEMBLY UUSES CCONNECTOR PP/N 88916 FFOR RRG58C/U CCABLE O
ONLY
Part No.
1504 - (length)
30”
36”
48”
60”
75cm
90cm
120cm
150cm
6”
12”
18”
24”
15cm
30cm
45cm
60cm
Standard Lengths Available:
BASIC INFORMATION
Male CConnectors: Brass body and fittings, teflon insulators, silver or
gold-plated brass contact, bright tarnish resistant metal alloy finish.
Female CConnectors: Brass body and fittings, teflon insulators, silver or
gold-plated beryllium copper contact, bright tarnish, resistant metal
alloy finish.
For oordering: (Part no.)-(length).
Please specify length in inches.
85
MALE
FEMALE
Orrderr DDesk: 11 ((800) 9995-HHOOK
COAXIAL TTEST CCABLES
E-Z-Hook provides a variety of standard and custom cable assembly
solutions used across multiple industries. We specialize in coaxial cable
assemblies that utilize BNC, Double banana, TNC, N Series, UHF, SMA and
LOC connectors. Superior construction and industry preferred test
connectors make E-Z-Hook cables the first and only choice.
For E-Z-Hook cable accessories please refer to the accessories section
beginning on page 106.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com