Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 57 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 57 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 53Page - List of Unclassifed Manufacturers AXM Datasheet HTML 54Page - List of Unclassifed Manufacturers AXM Datasheet HTML 55Page - List of Unclassifed Manufacturers AXM Datasheet HTML 56Page - List of Unclassifed Manufacturers AXM Datasheet HTML 57Page - List of Unclassifed Manufacturers AXM Datasheet HTML 58Page - List of Unclassifed Manufacturers AXM Datasheet HTML 59Page - List of Unclassifed Manufacturers AXM Datasheet HTML 60Page - List of Unclassifed Manufacturers AXM Datasheet HTML 61Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 122 page
background image
Stacking Shrouded Banana Plug, Part No. 9383.
PATCH CORDS AAND TEST LEADS
COLOR CHART
Black
Green
Brown Blue
Red
Violet
Orange Gray
Yellow White
Test leads available
in the above colors.
Additional lead lengths, wire types, and
custom leads are available upon request.
SETS && CUSTOM CCOLOR
Standard Sets:
R/B
= 1 red, 1 black
S
= 1 each of 10 colors
S(color) = 10 of one color
See specific part numbers for
standard wire gauge information.
4”
8”
12”
18”
10cm
20cm
30cm
45cm
24”
36”
48”
60”
60cm
90cm
120cm
150cm
Standard lengths include:
PLEASE SPECIFY LENGTH IN INCHES
STANDARD BBANANA PPLUG TTO SSTANDARD BBANANA PPLUG
STANDARD BBANANA SSOCKET TTO SSTANDARD BBANANA PPLUG
STANDARD BBANANA SSOCKET TTO SSTANDARD BBANANA SSOCKET
SHROUDED RRIGHT AANGLE BBANANA PPLUG TTO SSHROUDED
RIGHT AANGLE BBANANA PPLUG
Part Number
Wire Type
9105-(length)-(color)
22 AWG PVC
54
www.e-zz-hhooook.coom
m
Part Number
Wire Type
9183-(length)-(color)
18 AWG PVC
Part Number
Wire Type
9106-(length)-(color)
22 AWG PVC
Part Number
Wire Type
9111-(length)-(color)
18 AWG PVC
Part Number
Wire Type
9109-(length)-(color)
22 AWG PVC
Part Number
Wire Type
9128-(length)-(color)
22 AWG PVC
Part Number
Wire Type
9108-(length)-(color)
22 AWG PVC
9108H-(length)-(color)
18 AWG PVC
Part Number
Wire Type
9107-(length)-(color) 22 AWG PVC
Part Number
Wire Type
9137-(length)-(color)
18 AWG PVC
Part Number
Wire Type
9142-(length)-(color)
18 AWG PVC
STACKING M
MINIATURE BBANANA PPLUG TTO SSTACKING M
MINIATURE
BANANA PPLUG
MINIATURE BBANANA PPLUG TTO M
MINIATURE BBANANA PPLUG
Standard Banana Plug, Part No. 9202.
HEAVY DDUTY SSTANDARD BBANANA PPLUG TTO SSTANDARD
BANANA PPLUG
Heavy Duty Standard Banana Plug, Part No. 9214.
STACKING SSTANDARD BBANANA PPLUG W
WITH HHEAVY W
WIRE TTO
STACKING SSTANDARD BBANANA PPLUG
Stacking Standard Banana Plug, Part No. 9203.
Stacking Standard Banana Plug, Part No. 9260.
Miniature Banana Plug, Part No. 9213.
Stacking Miniature Banana Plug, Part No. 9261.
.250” Spade Lug, Part No. 9208.
Stacking Standard Banana Plug, Part No. 9260.
Standard Banana Socket, Part No. 9210.
Standard Banana Plug, Part No. 9202.
.250” ((6.35mm) IINSULATED SSPADE LLUG TTO SSTACKING SSTANDARD
BANANA PPLUG
Standard Banana Socket, Part No. 9210.
Shrouded Right Angle Banana Plug, Part No. 9301.
Part Number
Wire Type
9902-(length)-(color) 18 AWG PVC
9929-(length)-(color) 18AWG Silicone
STACKING SSHROUDED BBANANA PPLUG TTO SSTACKING SSHROUDED
BANANA PPLUG
STACKING SSTANDARD BBANANA PPLUG TTO SSTACKING SSTANDARD
BANANA PPLUG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com