Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AXM Datasheet(PDF) 60 Page - List of Unclassifed Manufacturers

Part # AXM
Description  E-Z-Hook is dedicated to providing quality parts, delivered on-time at reasonable prices
PDF  122 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AXM Datasheet(HTML) 60 Page - List of Unclassifed Manufacturers

Back Button AXM Datasheet HTML 56Page - List of Unclassifed Manufacturers AXM Datasheet HTML 57Page - List of Unclassifed Manufacturers AXM Datasheet HTML 58Page - List of Unclassifed Manufacturers AXM Datasheet HTML 59Page - List of Unclassifed Manufacturers AXM Datasheet HTML 60Page - List of Unclassifed Manufacturers AXM Datasheet HTML 61Page - List of Unclassifed Manufacturers AXM Datasheet HTML 62Page - List of Unclassifed Manufacturers AXM Datasheet HTML 63Page - List of Unclassifed Manufacturers AXM Datasheet HTML 64Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 122 page
background image
E-ZZ-LLINK ..025" SSQUARE SSOCKET CCONTINUOUS JJUMPERS
E-Z-Link continuous jumpers are designed to facilitate pre-testing back
panel layouts before final wire wrapping. They eliminate costly in-plant
measuring, stripping and crimping. E-Z-Links individually fit over standard
wire wrapped pins to form any desired network.
Connector CConstruction:
Brass body. Gold or tin-plated beryllium copper contact spring.
Lead W
Wire:
28 AWG PVC.
Colors: Available in 10 colors.
Assembly: Each connector crimped onto lead wire and insulated with .75”(19mm)
heat shrink sleeve.
Ordering iinformation:
Part No.- # of links-color ( Ex. L4-050-BLK or LT2-100-BLK)
Available in 25, 50, 100, and 250 link sets. When ordering 25 and 50
links please use 025 and 050 to indicate number of links.
57
SPECIFICATIONS:
CONTACTS: One-piece .025”(.635mm) square gold-plated beryllium copper spring wire bonded in place.
END CONTACTS—Lock-on under end leads of DIP.
INBOARD CONTACTS—Slide-on. Wiping action against DIP legs.
LEAD SSPACING: .100” (2.54mm) lead spacing on .300” (7.62mm) row centers.
BODY CCONSTRUCTION: High strength, molded plastic with barrier strips for insulation between contacts.
EEN
NLLAARRG
GEEDD DDEETTAAIILL O
OFF W
WIIPPIIN
NG
G AACCTTIIO
ON
N
O
OFF CCO
ON
NTTAACCTTSS AAN
NDD PPO
OSSIITTIIVVEE LLO
OCCKK-O
ON
N
FFEEAATTUURREESS O
OFF TTHHEE TTAAPP-AA-DDIIPP
WIPING AACTION
Shaped gold-plated
beryllium copper
contact springs
provide complete
wiping action.
Assuring positive
contact with leads
on DIP.
TTAAPP-AA-DDIIPP TTEESSTT CCO
ON
NN
NEECCTTO
ORRSS
POSITIVE
LOCK-O
ON DDESIGN
End contacts of
TAP-A-DIP lock
under each of the
end leads on the DIP.
Allows
interconnection from
TAP-A-DIP to test
points without
danger of popping
off or causing shorts.
E-Z-Links are available with insulated .025” (.635mm) square
socket connectors evenly spaced on 2" (50.4mm), 3” (76.2mm),
4” (101.6mm), 5” (127mm), or 6” (152mm) centers.
Orrderr DDesk: 11 ((800) 9995-HHOOK
Spacing
Gold-Plated
Links
Tin-Plated
Centers
Connector
per
Connector
Part Number
Chain
Part Number
2"
L2-0025-(color)
25
LT2-0025-(color)
L2-0050-(color)
50
LT2-0050-(color)
L2-1100-(color)
100
LT2-1100-(color)
L2-2250-(color)
250
LT2-2250-(color)
3”
L3-0025-(color)
25
LT3-0025-(color)
L3-0050-(color)
50
LT3-0050-(color)
L3-1100-(color)
100
LT3-1100-(color)
L3-2250-(color)
250
LT3-2250-(color)
4”
L4-0025-(color)
25
LT4-0025-(color)
L4-0050-(color)
50
LT4-0050-(color)
L4-1100-(color)
100
LT4-1100-(color)
L4-2250-(color)
250
LT4-2250-(color)
5”
L5-0025-(color)
25
LT5-0025-(color)
L5-0050-(color)
50
LT5-0050-(color)
L5-1100-(color)
100
LT5-1100-(color)
L5-2250-(color)
250
LT5-2250-(color)
6”
L6-0025-(color)
25
LT6-0025-(color)
L6-0050-(color)
50
LT6-0050-(color)
L6-1100-(color)
100
LT6-1100-(color)
L6-2250-(color)
250
LT6-2250-(color)
Part Number
Description
300-114
14-pin Tap-A-Dip
300-116
16-pin Tap-A-Dip



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com