Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 11Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 12Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 13Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
9 - 33
6
Functional Description
The AS5040 is manufactured in a CMOS standard process and uses a spinning current Hall technology for sensing
the magnetic field distribution across the surface of the chip.
The integrated Hall elements are placed around the center of the device and deliver a voltage representation of the
magnetic field at the surface of the IC.
Through Sigma-Delta Analog / Digital Conversion and Digital Signal-Processing (DSP) algorithms, the AS5040
provides accurate high-resolution absolute angular
position information. For this purpose a Coordinate Rotation Digital Computer (CORDIC) calculates the angle and the
magnitude of the Hall array signals.
The DSP is also used to provide digital information at the outputs M agI NCn and M agDE Cn that indicate
movements of the used magnet towards or away from the device’s surface.
A small low cost diametrically magnetized (two-pole) standard magnet provides the angular position information (see
Figure 20).
The AS5040 senses the orientation of the magnetic field and calculates a 10-bit binary code. This code can be
accessed via a Synchronous Serial Interface (SSI). In addition, an absolute angular representation is given by a Pulse
Width Modulated signal at pin 12 (PWM).
Besides the absolute angular position information the device simultaneously provides incremental output signals. The
various incremental output modes can be selected by programming the OTP mode register bits (see page 19). As
long as no programming voltage is applied to pin Prog, the new setting may be overwritten at any time and will be
reset to default when power is turned off. To make the setting permanent, the OTP register must be programmed (see
Figure 15). The default setting is a quadrature A/B mode including the Index signal with a pulse width of 1 LSB. The
Index signal is logic high at the user programmable zero position.
The AS5040 is tolerant to magnet misalignment and magnetic stray fields due to differential measurement technique
and Hall sensor conditioning circuitry.
Figure 4: AS5040 Block Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com