Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 14Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 15Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 16Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 17Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 18Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 20Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 21Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
17 - 33
OTP Register Contents:
CCW
Counter Clockwise Bit
ccw=0 – angular value increases in clockwise direction
ccw=1 – angular value increases in counterclockwise direction
Z [9:0]
Programmable Zero / Index Position
Indx
Index Pulse Width Selection: 1LSB / 3LSB
Div1,Div0
Divider Setting of Incremental Output
Md1, Md0
Incremental Output Mode Selection
OTP Default Setting
The AS5040 can also be operated without programming. The default, un-programmed setting is shown in Table 6
(Mode 0.0):
CCW: 0
= clockwise operation
Z9 to Z0: 00
= no programmed zero position
Indx: 0
= Index bit width = 1LSB
Div0,Div1 : 00
= incremental resolution = 10bit
Md0, MD1: 00
= incremental mode = quadrature
Figure 14: Programming Access – Write Data (section of Figure 15)
Figure 15: Complete Programming Sequence
Data
CSn
Prog
CLKPROG
7.5V
VDD
tLoad PROG
tPROG finished
Write Data
Power Off
Programming Mode
tPROG
tPrgH
VProgOff
tPrgR
0V
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com