Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 11Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 12Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
8 - 33
Parameter
Symbol
Min
Typ
Max
Unit
Note
Read-out frequency
fCLK
>0
1
MHz
Clock frequency to read out serial data
Pulse Width Modulation Output
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise
noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
0.927
0.976
1.024
Signal period = 1025µs
±5% at Tamb = 25°C
PWM frequency
f PWM
0.878
0.976
1.074
KHz
=1025µs
±10% at Tamb = -40 to +125°C
Minimum pulse width
PW MIN
0.90
1
1.10
µs
Position 0d; angle 0 degree
Maximum pulse width
PW MAX
922
1024
1126
µs
Position 1023d; angle 359.65 degree
Incremental Outputs
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise
noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Incremental outputs valid
after power-up
t Incremental
outputs valid
500
ns
Time between first falling edge of CSn
after power-up and valid incremental
outputs
Directional indication valid
t Dir valid
500
ns
Time between rising or falling edge of
LSB output and valid directional indication
Programming Conditions
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise
noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Programming enable time
t Prog enable
2
µs
Time between rising edge at Prog pin
and rising edge of CSn
Write data start
t Data in
2
µs
Write data valid
t Data in valid
250
ns
Write data at the rising edge of
CLKPROG
Load programming data
t Load PROG
3
µs
Rise time of VPROG before
CLKPROG
t PrgR
0
µs
Hold time of VPROG after
CLKPROG
t PrgH
0
5
µs
Write data – programming
CLKPROG
CLK PROG
250
kHz
CLK pulse width
t PROG
1.8
2
2.2
µs
During programming; 16 clock cycles
Hold time of Vprog after
programming
t PROG finished
2
µs
Programmed data is available after
next power-on
Programming voltage
V PROG
7.3
7.4
7.5
V
Must be switched off after zapping
Programming voltage off level
V ProgOff
0
1
V
Line must be discharged to this level
Programming current
I PROG
130
mA
During programming
Analog read CLK
CLKAread
100
kHz
Analog readback mode
Programmed zener voltage
(log.1)
Vprogrammed
100
mV
Unprogrammed zener voltage
(log. 0)
Vunprogrammed
1
V
VRef-VPROG during analog readback
mode (see Analog Readback Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com