Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 28 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 28 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 24Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 25Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 26Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 27Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 29Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 30Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 31Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 32Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
27 - 33
Figure 25: Example of Linearity Error over 360°
Transition Noise
Transition noise is defined as the jitter in the transition between two steps.
Due to the nature of the measurement principle (Hall sensors + Preamplifier + ADC), there is always a certain degree
of noise involved.
This transition noise voltage results in an angular transition noise at the outputs. It is specified as 0.12 degrees rms (1
sigma)
*1.
This is the repeatability of an indicated angle at a given mechanical position.
The transition noise has different implications on the type of output that is used:
Absolute output; SSI interface:
The transition noise of the absolute output can be reduced by the user by applying an averaging of readings.
An averaging of 4 readings will reduce the transition noise by 6dB or 50%, e.g. from 0.12°rms to 0.06°rms (1
sigma).
PWM interface:
If the PWM interface is used as an analog output by adding a low pass filter, the transition noise can be
reduced by lowering the cutoff frequency of the filter.
If the PWM interface is used as a digital interface with a counter at the receiving side, the transition noise
may again be reduced by averaging of readings.
Incremental mode:
In incremental mode, the transition noise influences the period, width and phase shift of the output signals A,
B and Index. However, the algorithm used to generate the incremental outputs guarantees no missing or
additional pulses even at high speeds (up to 30,000 rpm and higher)
*1: statistically, 1 sigma represents 68.27% of readings,
3 sigma represents 99.73% of readings.
linearity error with centered magnet [degrees]
-0.5
-0.4
-0.3
-0.2
-0.1
0
0.1
0.2
0.3
0.4
0.5
1
55
109 163 217 271 325 379 433 487 541 595 649 703 757 811 865 919 973
transition noise
Errmax
Errmi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com