Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 11Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
7 - 33
Parameter
Symbol
Min
Typ
Max
Unit
Note
System propagation delay
incremental output
192
µs
Calculation over two samples
9.90
10.42
10.94
Internal sampling rate, Tamb = 25°C
Sampling rate for absolute
output
fS
9.38
10.42
11.46
kHz
Internal sampling rate, Tamb = -40 to
+125°C
Read-out frequency
CLK
1
MHz
Max. clock frequency to read out
serial data
Figure 3: Integral and Differential Non-linearity Example (exaggerated curve)
180°
360 °
0 °
0
512
1023
α
α10bit code
0
1
2
0.35°
INL
Ideal curve
Actual curve
TN
512
1023
DNL+1LSB
[degrees]
Integral Non-Linearity (INL) is the maximum deviation between actual position and indicated position.
Differential Non-Linearity (DNL) is the maximum deviation of the step length from one position to the next.
Transition Noise (TN) is the repeatability of an indicated position.
Timing Characteristics
Synchronous Serial Interface (SSI)
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise
noted)
Parameter
Symbol
Min
Typ
Max
Unit
Note
Data output activated
(logic high)
t DO active
100
ns
Time between falling edge of CSn and
data output activated
First data shifted to output
register
tCLK FE
500
ns
Time between falling edge of CSn and
first falling edge of CLK
Start of data output
T CLK / 2
500
ns
Rising edge of CLK shifts out one bit at a
time
Data output valid
t DO valid
357
413
ns
Time between rising edge of CLK and
data output valid
Data output tristate
t DO tristate
100
ns
After the last bit DO changes back to
“tristate”
Pulse width of CSn
t CSn
500
ns
CSn = high; To initiate read-out of next
angular position



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com