Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 32 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 32 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 26Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 27Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 29Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 30Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 31Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 32Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 33Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 34Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 32 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
31 - 33
19 Package Drawings and Markings
Figure 26: 16-Lead Shrink Small Outline Package SSOP-16
Dimensions
mm
inch
Symbol
Min
Typ
Max
Min
Typ
Max
A
1.73
1.86
1.99
.068
.073
.078
A1
0.05
0.13
0.21
.002
.005
.008
A2
1.68
1.73
1.78
.066
.068
.070
b
0.25
0.315
0.38
.010
.012
.015
c
0.09
-
0.20
.004
-
.008
D
6.07
6.20
6.33
.239
.244
.249
E
7.65
7.8
7.9
.301
.307
.311
E1
5.2
5.3
5.38
.205
.209
.212
e
0.65
.0256
K
-
-
L
0.63
0.75
0.95
.025
.030
.037
AYWWIZZ
AS5040
Marking: AYWWIZZ
A: Pb-free Identifier
Y: Last Digit of Manufacturing Year
WW: Manufacturing Week
I: Plant Identifier
ZZ: Traceability Code
JEDEC Package Outline Standard:
MO - 150 AC
Thermal Resistance Rth(j-a):
typ. 151 K/W in still air, soldered on PCB
IC's marked with a white dot or the letters
"ES" denote Engineering Samples



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com