Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 25 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 25 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 21Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 22Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 23Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 24Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 25Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 26Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 27Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 29Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
24 - 33
The vertical distance should be chosen such that the magnetic field on the die surface is within the specified limits
(see Figure 20). The typical distance “z” between the magnet and the package surface is 0.5mm to 1.8mm with the
recommended magnet (6mm x 2.5mm). Larger gaps are possible, as long as the required magnetic field strength
stays within the defined limits.
A magnetic field outside the specified range may still produce usable results, but the out-of-range condition will be
indicated by MagINCn (pin 1) and MagDECn (pin 2), see Table 3.
Figure 22: Vertical Placement of the Magnet
1.282mm ± 0.15mm
0.576mm ± 0.1mm
z
S
N
Package surface
Die surface
16 Simulation Modelling
Figure 23: Arrangement of Hall Sensor Array on Chip (principle)
With reference to Figure 23, a diametrically magnetized permanent magnet is placed above or below the surface of
the AS5040. The chip uses an array of Hall sensors to sample the vertical vector of a magnetic field distributed across
the device package surface. The area of magnetic sensitivity is a circular locus of 1.1mm radius with respect to the
center of the die. The Hall sensors in the area of magnetic sensitivity are grouped and configured such that
orthogonally related components of the magnetic fields are sampled differentially.
The differential signal Y1-Y2 will give a sine vector of the magnetic field. The differential signal X1-X2 will give an
orthogonally related cosine vector of the magnetic field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com