Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 19Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 20Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 21Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 22Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 23Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 24Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 25Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 26Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
22 - 33
Figure 19: Connections for 5V / 3.3V Supply Voltages
LDO
I
N
T
E
R
F
A
C
E
2.2...10µF
100n
4.5 - 5.5V
DO
Prog
Index_W
B_Dir_V
A_LSB_U
CLK
PWM_LSB
VDD3V3
VSS
VDD5V
5V Operation
Internal
VDD
CSn
LDO
100n
3.0 - 3.6V
VDD3V3
VSS
VDD5V
3.3V Operation
Internal
VDD
I
N
T
E
R
F
A
C
E
DO
Prog
Index_W
B_Dir_V
A_LSB_U
CLK
PWM_LSB
CSn
A buffer capacitor of 100nF is recommended in both cases close to pin VDD5V. Note that pin VDD3V3 must always
be buffered by a capacitor. It must not be left floating, as this may cause an instable internal 3.3V supply voltage
which may lead to larger than normal jitter of the measured angle.
15 Choosing the Proper Magnet
Typically the magnet should be 6mm in diameter and ≥2.5mm in height. Magnetic materials such as rare earth
AlNiCo, SmCo5 or NdFeB are recommended.
The magnet’s field strength perpendicular to the die surface should be verified using a gauss-meter. The magnetic
field Bv at a given distance, along a concentric circle with a radius of 1.1mm (R1), should be in the range of
±45mT…±75mT. (see Figure 20).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com