Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
5 - 33
CMOS / Program Input: Prog
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
High level input voltage
VIH
0.7 * VDD5V
5
V
High level input voltage
VPROG
See “programming conditions”
V
During programming
Low level input voltage
VIL
0.3 * VDD5V
V
Pull-down high level input current
IiL
100
µA
VDD5V: 5.5V
CMOS Output Open Drain: MagINCn, MagDECn
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
VDD5V: 4.5V
VDD5V: 3V
Open drain leakage current
IOZ
1
µA
CMOS Output: A, B, Index, PWM
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
High level output voltage
VOH
VDD5V-0.5
V
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
VDD5V: 4.5V
VDD5V: 3V
Tristate CMOS Output: DO
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
High level output voltage
VOH
VDD5V –0.5
V
Low level output voltage
VOL
VSS+0.4
V
Output current
IO
4
2
mA
VDD5V: 4.5V
VDD5V: 3V
Tri-state leakage current
IOZ
1
µA
Magnetic Input Specification
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation) unless otherwise
noted)
Two-pole cylindrical diametrically magnetised source:
Parameter
Symbol
Min
Typ
Max
Unit
Note
Diameter
dmag
4
6
mm
Thickness
tmag
2.5
mm
Recommended magnet: Ø 6mm x 2.5mm for
cylindrical magnets
Magnetic input field
amplitude
Bpk
45
75
mT
Required vertical component of the
magnetic field strength on the die’s surface,
measured along a concentric circle with a
radius of 1.1mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com