Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 13 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 13 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 11Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 12Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 13Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 14Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 15Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 16Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 17Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
12 - 33
Programming Daisy Chained Devices
In Daisy Chain mode, the Prog pin is connected directly to the DO pin of the subsequent device in the chain (see
Figure 6). During programming (see section 12), a programming voltage of 7.5V must be applied to pin Prog. This
voltage level exceeds the limits for pin DO, so one of the following precautions must be made during programming:
open the connection DO Prog during programming or
add a Schottky diode between DO and Prog (Anode = DO, Cathode = Prog)
Due to the parallel connection of CLK and CSn, all connected devices may be programmed simultaneously.
Figure 6: Daisy Chain Hardware Configuration
CSn
PROG
DI
CLK
CSn
DO
CLK
CSn
DO
CLK
PROG
CSn
DO
CLK
PROG
100R
100R
1nF
1nF
GND
GND
GND
MCU
AS5040
AS5040
AS5040
Figure 7: Daisy Chain Mode Data Transfer
Even
PAR
CSn
CLK
DO
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
18
16
COF
LIN
OCF
Mag
INC
Mag
DEC
1
t
CLK FE
Angular Position Data
Status Bits
T
CLK/2
t
DO active
t
DO valid
D
2
D9
D8 D7
1st Device
2nd Device
3
Angular Position Data
8
Incremental Outputs
Three different incremental output modes are possible with quadrature A/B being the default mode.
Figure 8 shows the two-channel quadrature as well as the step / direction incremental signal (LSB) and the direction
bit in clockwise (CW) and counter-clockwise (CCW) direction.
Quadrature A/B Output (Quad A/B Mode)
The phase shift between channel A and B indicates the direction of the magnet movement. Channel A leads channel
B at a clockwise rotation of the magnet (top view) by 90 electrical degrees. Channel B leads channel A at a counter-
clockwise rotation.
LSB Output (Step / Direction Mode)
Output LSB reflects the LSB (least significant bit) of the programmed incremental resolution (OTP Register Bit Div0,
Div1). Output Dir provides information about the rotational direction of the magnet, which may be placed above or
below the device (1=clockwise; 0=counter clockwise; top view). Dir is updated with every LSB change.
In both modes (quad A/B, step/direction) the resolution and the index output are user programmable. The index pulse
indicates the zero position and is by default one angular step (1LSB) wide. However, it can be set to three LSBs by
programming the Index-bit of the OTP register accordingly (see Table 6).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com