Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 11 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 9Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 10Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 11Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 12Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 13Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 14Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
10 - 33
7
10-bit Absolute Angular Position Output
Synchronous Serial Interface (SSI)
Figure 5: Synchronous Serial Interface with Absolute Angular Position Data
Even
PAR
CSn
CLK
DO
D9
D8
D7
D6
D5
D4
D3
D2
D1
D0
18
16
COF
LIN
OCF
Mag
INC
Mag
DEC
t DO active
t DO Tristate
1
D9
t CLK FE
t DO valid
t CLK FE
t CSn
T CLK / 2
Angular Position Data
Status Bits
If CSn changes to logic low, Data Out (DO) will change from high impedance (tri-state) to logic high and the read-out
will be initiated.
After a minimum time tCLK FE, data is latched into the output shift register with the first falling edge of CLK.
Each subsequent rising CLK edge shifts out one bit of data.
The serial word contains 16 bits, the first 10 bits are the angular information D[9:0], the subsequent 6 bits contain
system information, about the validity of data such as OCF, COF, LIN, Parity and Magnetic Field status
(increase/decrease) .
A subsequent measurement is initiated by a log. “high” pulse at CSn with a minimum duration of tCSn.
Data Content:
D9:D0 absolute angular position data (MSB is clocked out first)
OCF
(Offset Compensation Finished), logic high indicates the finished Offset Compensation Algorithm.
For fast startup, this bit may be polled by the external microcontroller. As soon as this bit is set, the AS5040 has
completed the startup and the data is valid (see Table 4)
COF
(Cordic Overflow), logic high indicates an out of range error in the CORDIC part. When this bit is set, the
data at D9:D0 is invalid. The absolute output maintains the last valid angular value.
This alarm may be resolved by bringing the magnet within the X-Y-Z tolerance limits.
LIN
(Linearity Alarm), logic high indicates that the input field generates a critical output linearity.
When this bit is set, the data at D9:D0 may still be used, but can contain invalid data. This warning may be
resolved by bringing the magnet within the X-Y-Z tolerance limits.
MagINCn
, (Magnitude Increase) becomes HIGH, when the magnet is pushed towards the IC, thus the magnetic field
strength is increasing.
MagDECn,
(Magnitude Decrease) becomes HIGH, when the magnet is pulled away from the IC, thus the magnetic
field strength is decreasing.
Both signals HIGH indicate a magnetic field that is out of the allowed range (see Table 3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com