Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 27 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 27 Page - List of Unclassifed Manufacturers

Back Button AS5040-ASST Datasheet HTML 23Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 24Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 25Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 26Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 27Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 28Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 29Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 30Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 31Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
26 - 33
18 Angular Output Tolerances
Accuracy
Accuracy is defined as the error between measured angle and actual angle. It is influenced by several factors:
the non-linearity of the analog-digital converters,
internal gain and mismatch errors,
non-linearity due to misalignment of the magnet
As a sum of all these errors, the accuracy with centered magnet = (Errmax – Errmin)/2 is specified as better than ±0.5
degrees @ 25°C (see Figure 25).
Misalignment of the magnet further reduces the accuracy. Figure 24 shows an example of a 3D-graph displaying non-
linearity over XY-misalignment. The center of the square XY-area corresponds to a centered magnet (see dot in the
center of the graph). The X- and Y- axis extends to a misalignment of
±1mm in both directions. The total misalignment
area of the graph covers a square of 2x2 mm (79x79mil) with a step size of 100µm.
For each misalignment step, the measurement as shown in Figure 25 is repeated and the accuracy
(Errmax – Errmin)/2 (e.g. 0.25° in Figure 25) is entered as the Z-axis in the 3D-graph.
Figure 24: Example of Linearity Error over XY Misalignment
-1000
-800
-600
-400
-200
0
200
400
600
800
1000
0
1
2
3
4
5
6
°
x
y
Linearity Error over XY-misalignment [°]
The maximum non-linearity error on this example is better than
±1 degree (inner circle) over a misalignment radius of
~0.7mm. For volume production, the placement tolerance of the IC within the package (
±0.235mm) must also be
taken into account.
The total nonlinearity error over process tolerances, temperature and a misalignment circle radius of 0.25mm is
specified better than
±1.4 degrees.
The magnet used for this measurement was a cylindrical NdFeB (Bomatec® BMN-35H) magnet with 6mm diameter
and 2.5mm in height.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com