Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AS5040-ASST Datasheet(PDF) 5 Page - List of Unclassifed Manufacturers

Part # AS5040-ASST
Description  10Bit 360 Programmable Magnetic Rotary Encoder
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AS5040-ASST Datasheet(HTML) 5 Page - List of Unclassifed Manufacturers

  AS5040-ASST Datasheet HTML 1Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 2Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 3Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 4Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 5Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 6Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 7Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 8Page - List of Unclassifed Manufacturers AS5040-ASST Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
AS5040
Data Sheet
www.austriamicrosystems.com
Revision 2.10
4 - 33
Pin 12 allows a single wire output of the 10-bit absolute position value. The value is encoded into a pulse width
modulated signal with 1µs pulse width per step (1µs to 1024µs over a full turn). By using an external low pass filter,
the digital PWM signal is converted into an analog voltage, allowing a direct replacement of potentiometers.
5
Electrical Characteristics
Absolute Maximum Ratings (non operating)
Stresses beyond those listed under “Absolute Maximum Ratings“ may cause permanent damage to the device. These are stress
ratings only. Functional operation of the device at these or any other conditions beyond those indicated under “Operating
Conditions” is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
Parameter
Symbol
Min
Max
Unit
Note
DC supply voltage at pin VDD5V
VDD5V
-0.3
7
V
DC supply voltage at pin VDD3V3 VDD3V3
-0.3
5
V
-0.3
VDD5V +0.3
Pins MagIncn, MagDecn, CLK, CSn,
Input pin voltage
Vin
-0.3
7.5
V
Pin Prog
Input current (latchup immunity)
Iscr
-100
100
mA
Norm: JEDEC 78
Electrostatic discharge
ESD
± 2
kV
Norm: MIL 883 E method 3015
Storage temperature
Tstrg
-55
125
°C
Min – 67°F ; Max +257°F
Body temperature (Lead-free
package)
TBody
260
°C
t=20 to 40s, Norm: IPC/JEDEC J-
Std-020C
Lead finish 100% Sn “matte tin”
Humidity non-condensing
H
5
85
%
Operating Conditions
Parameter
Symbol
Min
Typ
Max Unit
Note
Ambient temperature
Tamb
-40
125
°C
-40°F…+257°F
Supply current
Isupp
16
21
mA
External supply voltage at pin VDD5V
Internal regulator output voltage at pin
VDD3V3
VDD5V
VDD3V3
4.5
3.0
5.0
3.3
5.5
3.6
V
V
5V operation
External supply voltage at pin VDD5V,
VDD3V3
VDD5V
VDD3V3
3.0
3.0
3.3
3.3
3.6
3.6
V
V
3.3V operation (pins VDD5V and
VDD3V3 connected)
DC Characteristics for Digital Inputs and Outputs
CMOS Schmitt-Trigger Inputs: CLK, CSn (CSn = internal Pull-up)
(operating conditions: Tamb = -40 to +125°C, VDD5V = 3.0-3.6V (3V operation) VDD5V = 4.5-5.5V (5V operation)
unless otherwise noted)
Parameter
Symbol
Min
Max
Unit
Note
High level input voltage
VIH
0.7 * VDD5V
V
Normal operation
Low level input voltage
VIL
0.3 * VDD5V
V
Schmitt Trigger hysteresis
VIon- VIoff
1
V
-1
1
CLK only
Input leakage current
Pull-up low level input current
ILEAK
IiL
-30
-100
µA
µA
CSn only, VDD5V: 5.0V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com