Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 9 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 9 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 5Page - Intel Corporation 8X930AX Datasheet HTML 6Page - Intel Corporation 8X930AX Datasheet HTML 7Page - Intel Corporation 8X930AX Datasheet HTML 8Page - Intel Corporation 8X930AX Datasheet HTML 9Page - Intel Corporation 8X930AX Datasheet HTML 10Page - Intel Corporation 8X930AX Datasheet HTML 11Page - Intel Corporation 8X930AX Datasheet HTML 12Page - Intel Corporation 8X930AX Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 38 page
background image
ADVANCE INFORMATION
5
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
Table 3. 68-pin PLCC Pin Assignment
Pin
Name
Pin
Name
Pin
Name
1V
SS
24
P3.4/T0
47
Reserved
2
A15/P2.7
25
P3.5/T1
48
Reserved
3
A14/P2.6
26
P3.6/WR#
49
Reserved
4
A13/P2.5
27
P3.7/RD#/A16
50
SOF#
5
A12/P2.4
28
P1.0/T2
51
V
CCP
6
A11/P2.3
29
P1.1/T2EX
52
V
SSP
7
A10/P2.2
30
P1.2/ECI
53
ECAP
8
A9/P2.1
31
P1.3/CEX0
54
D
M
0
9
A8/P2.0
32
P1.4/CEX1
55
D
P
0
10
AD7/P0.7
33
P1.5/CEX2
56
Reserved
11
AD6/P0.6
34
P1.6/CEX3/WAIT#
57
Reserved
12
AD5/P0.5
35
P1.7/CEX4/A17/WCLK
58
Reserved
13
AD4/P0.4
36
V
CC
59
Reserved
14
AD3/P0.3
37
V
SS
60
Reserved
15
AD2/P0.2
38
XTAL1
61
Reserved
16
AD1/P0.1
39
XTAL2
62
Reserved
17
AD0/P0.0
40
AV
CC
63
Reserved
18
V
SSP
41
RST
64
Reserved
19
V
CCP
42
PLLSEL1
65
PSEN#
20
P3.0/RXD
43
PLLSEL2
66
ALE
21
P3.1/TXD
44
PLLSEL0
67
EA#
22
P3.2/INT0#
45
Reserved
68
V
CC
23
P3.3/INT1#
46
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com