Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 18 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 18 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 14Page - Intel Corporation 8X930AX Datasheet HTML 15Page - Intel Corporation 8X930AX Datasheet HTML 16Page - Intel Corporation 8X930AX Datasheet HTML 17Page - Intel Corporation 8X930AX Datasheet HTML 18Page - Intel Corporation 8X930AX Datasheet HTML 19Page - Intel Corporation 8X930AX Datasheet HTML 20Page - Intel Corporation 8X930AX Datasheet HTML 21Page - Intel Corporation 8X930AX Datasheet HTML 22Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 38 page
background image
14
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
I
TL
Logical 1-to-0
Transition Current
(Port 1, 2,3)
-650
µA
V
IN = 2.0 V
R
RST
RST Pulldown
Resistor
40
225
K
Ω
C
IO
10
pF
F
OSC = 12 MHz
T
A = 25°C
I
PD
Powerdown Current
— Normal powerdown
— USB suspend
25
145
50
175
µA
I
DL (5)
Idle Mode I
CC
40
mA
PLLSEL = 110
3MHz – FS
(in low clock mode)
100
PLLSEL = 110
12MHz – FS
(not in low clock
mode)
30
PLLSEL = 001
3MHz – LS
55
PLLSEL = 100
6 MHz – LS
Table 9. DC Characteristics at Operating Conditions (Continued)
Symbol
Parameter
Min
Typical (1)
Max
Units
Test Conditions
NOTE:
1.
Typical values are obtained using V
CC = 5.0V, TA = 25°C and are not guaranteed.
2.
Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OH per port pin:10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1-3: 15 mA
Maximum Total I
OL for all output pins: 71 mA
If I
OL exceeds the test conditions, VOL may exceed the related specification. Pins are not guaranteed
to sink current greater than the listed test conditions.
3.
Capacitive loading on Ports 0 and 2 may cause spurious noise pulses above 0.4 V on the low-level
outputs of ALE and Ports 1, 2 and 3. The noise is due to external bus capacitance discharging into the
Port 0 and Port 2 pins when these pins change from 1 to 0. In applications where capacitive loading
exceeds 100pF, the noise pulses on these signals may exceed 0.8 V. It may be desirable to qualify
ALE or other signals with a Schmitt Trigger or CMOS-level input logic.
4.
Capacitive loading on Ports 0 and 2 cause the V
OH on ALE and PSEN to drop below the VCC specifica-
tion when the address lines are stabilizing.
5.
The abbreviations “LS” and “FS” indicate “Low Speed” and “Full Speed,” respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com