Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 21 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 21 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 17Page - Intel Corporation 8X930AX Datasheet HTML 18Page - Intel Corporation 8X930AX Datasheet HTML 19Page - Intel Corporation 8X930AX Datasheet HTML 20Page - Intel Corporation 8X930AX Datasheet HTML 21Page - Intel Corporation 8X930AX Datasheet HTML 22Page - Intel Corporation 8X930AX Datasheet HTML 23Page - Intel Corporation 8X930AX Datasheet HTML 24Page - Intel Corporation 8X930AX Datasheet HTML 25Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 38 page
background image
ADVANCE INFORMATION
17
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
T
AVDV
2
Address (P2) Valid to Valid
Data/Instruction In
118.66
(2+M+N)T
CLK
– 48
ns
(3, 6)
T
AVDV
3
Address (P2) Valid to Valid
Instruction In
23.33
(1+N)T
CLK – 60
ns (6)
T
AVRL (5)
Address Valid to RD# or PSEN#
Low
40.33
(1+M)T
CLK – 46
ns (3)
T
AVWL
1
Address (P0) Valid to WR# Low
40.33
(1+M)T
CLK – 46
ns (3)
T
AVWL
2
Address (P2) Valid to WR# Low
66.33
(1+M)T
CLK – 17
ns (3)
T
WHQX
Data Hold after WR# High
28.66
0.5 T
CLK – 13
ns
T
QVWH
Data Valid to WR# High
68.33
(1+N)T
CLK –15
ns (6)
T
WHAX
WR# High to Address Hold
70.33
T
CLK – 13
ns
Table 11. AC Characteristics at Operating Conditions (Continued)
Symbol
Parameter
CPU Frequency
@ 12 MHz
(M, N = 0)
CPU Frequency (F
CLK) Variable
Units
Min
Max
NOTES:
1.
Refer to Table 8 on page 12 for CPU frequencies vs. XTAL1 frequencies.
2.
XTAL1 frequency is
± 0.25% for full speed and ± 1.5% for low speed.
3.
M= 0,1 is the extended ALE state.
4.
At 50° C, T
LLAX = 8 ns
5.
Specifications for PSEN# are identical to those for RD#.
6.
N= 0,1,2,3 is the RD#/PSEN#/WR# wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com