Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 33 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 33 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 29Page - Intel Corporation 8X930AX Datasheet HTML 30Page - Intel Corporation 8X930AX Datasheet HTML 31Page - Intel Corporation 8X930AX Datasheet HTML 32Page - Intel Corporation 8X930AX Datasheet HTML 33Page - Intel Corporation 8X930AX Datasheet HTML 34Page - Intel Corporation 8X930AX Datasheet HTML 35Page - Intel Corporation 8X930AX Datasheet HTML 36Page - Intel Corporation 8X930AX Datasheet HTML 37Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 38 page
background image
ADVANCE INFORMATION
29
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.7
Testing Waveforms
Figure 18. AC Testing Input, Output Waveforms
Figure 19. Float Waveforms
AC inputs during testing are driven at VCC – 0.5V for a logic 1
and 0.45 V for a logic 0. Timing measurements are made at
0.45 V
Inputs
Outputs
A4118-01
VIH MIN
VOL MAX
VCC – 0.5
0.2 VCC + 0.9
0.2 VCC – 0.1
a min of VIH for a logic 1 and VOL for a logic 0.
VLOAD + 0.1 V
VLOAD – 0.1 V
Timing Reference
Points
VLOAD
VOH – 0.1 V
VOL + 0.1 V
For timing purposes, a port pin is no longer floating when a
100 mV change from load voltage occurs and begins to float
when a 100 mV change from the loading VOH/VOL level occurs
with IOL/IOH = ± 20 mA.
A4117-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com