Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 31 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 31 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 27Page - Intel Corporation 8X930AX Datasheet HTML 28Page - Intel Corporation 8X930AX Datasheet HTML 29Page - Intel Corporation 8X930AX Datasheet HTML 30Page - Intel Corporation 8X930AX Datasheet HTML 31Page - Intel Corporation 8X930AX Datasheet HTML 32Page - Intel Corporation 8X930AX Datasheet HTML 33Page - Intel Corporation 8X930AX Datasheet HTML 34Page - Intel Corporation 8X930AX Datasheet HTML 35Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 38 page
background image
ADVANCE INFORMATION
27
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.5
AC Characteristics — Serial Port, Synchronous Mode 0
Figure 16. Serial Port Waveform — Synchronous Mode 0
Table 14. Serial Port Timing — Synchronous Mode 0
Symbol
Parameter
Min
Max
Units
T
XLXL
Serial Port Clock Cycle Time
6 T
OSC
ns
T
QVSH
Output Data Setup to Clock Rising Edge
5 T
OSC – 133
ns
T
SHQX
Output Data hold after Clock Rising Edge
T
OSC – 50
ns
T
XHDX
Input Data Hold after Clock Rising Edge
0
ns
T
XHDV
Clock Rising Edge to Input Data Valid
5 T
OSC – 133
ns
Valid
Valid
Valid
Valid
Valid
Valid
Valid
Valid
RXD
(In)
RXD
(Out)
TXD
01
2
3
4
5
6
7
TQVXH
TXLXL
TXHDX
TXHQX
TXHDV
A2592-02
Set TI†
Set RI†
†TI and RI are set during S1P1 of the peripheral cycle following the shift of the eighth bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com