Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 17 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 17 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 13Page - Intel Corporation 8X930AX Datasheet HTML 14Page - Intel Corporation 8X930AX Datasheet HTML 15Page - Intel Corporation 8X930AX Datasheet HTML 16Page - Intel Corporation 8X930AX Datasheet HTML 17Page - Intel Corporation 8X930AX Datasheet HTML 18Page - Intel Corporation 8X930AX Datasheet HTML 19Page - Intel Corporation 8X930AX Datasheet HTML 20Page - Intel Corporation 8X930AX Datasheet HTML 21Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 38 page
background image
ADVANCE INFORMATION
13
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.2
DC Characteristics
Table 9. DC Characteristics at Operating Conditions
Symbol
Parameter
Min
Typical (1)
Max
Units
Test Conditions
V
IL
Input Low Voltage
(Except EA#)
-0.5
0.2 V
CC – 0.1
V
V
IL
1
Input Low Voltage
(EA#)
00.2 V
CC – 0.3
V
V
IH
Input High Voltage
(Except XTAL1, RST)
0.2 V
CC + 0.9
V
CC + 0.5
V
V
IH
1
Input High Voltage
(XTAL1, RST)
0.7 V
CC
V
CC + 0.5
V
V
OL
Output Low Voltage
(Port 1, 2, 3)
0.3
0.45
1.0
V
I
OL = 100 µA (2, 3)
I
OL = 1.6 mA
I
OL = 3.5 mA
V
OL
1
Output Low Voltage
(Port 0, ALE, PSEN#,
SOF#)
0.3
0.45
1.0
V
I
OL = 200 µA (2, 3)
I
OL = 3.2 mA
I
OL = 7.0 mA
V
OH
Output High Voltage
(Port 1, 2, 3,ALE,
PSEN#, SOF#)
V
CC – 0.3
V
CC – 0.7
V
CC – 1.5
V
I
OH = -10 µA (4)
I
OH = -30 µA
I
OH = -60 µA
V
OH
1
Output High Voltage
(Port 0 in External
Address)
V
CC – 0.3
V
CC – 0.7
V
CC – 1.5
V
I
OH = -200 µA (4)
I
OH = -3.2 mA
I
OH = -7.0 mA
I
IL
Logical 0 Input
Current (Port 1,2,3)
–150
µA
V
IN = 0.45 V
I
LI
Input Leakage Current
(Port 0)
±10
µA
0.45 < V
IN < VCC
NOTE:
1.
Typical values are obtained using V
CC = 5.0V, TA = 25°C and are not guaranteed.
2.
Under steady state (non-transient) conditions, I
OL must be externally limited as follows:
Maximum I
OH per port pin:10 mA
Maximum I
OL per 8-bit port:
Port 0: 26 mA
Ports 1-3: 15 mA
Maximum Total I
OL for all output pins: 71 mA
If I
OL exceeds the test conditions, VOL may exceed the related specification. Pins are not guaranteed
to sink current greater than the listed test conditions.
3.
Capacitive loading on Ports 0 and 2 may cause spurious noise pulses above 0.4 V on the low-level
outputs of ALE and Ports 1, 2 and 3. The noise is due to external bus capacitance discharging into the
Port 0 and Port 2 pins when these pins change from 1 to 0. In applications where capacitive loading
exceeds 100pF, the noise pulses on these signals may exceed 0.8 V. It may be desirable to qualify
ALE or other signals with a Schmitt Trigger or CMOS-level input logic.
4.
Capacitive loading on Ports 0 and 2 cause the V
OH on ALE and PSEN to drop below the VCC specifica-
tion when the address lines are stabilizing.
5.
The abbreviations “LS” and “FS” indicate “Low Speed” and “Full Speed,” respectively.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com