Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 1 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 1 Page - Intel Corporation

  8X930AX Datasheet HTML 1Page - Intel Corporation 8X930AX Datasheet HTML 2Page - Intel Corporation 8X930AX Datasheet HTML 3Page - Intel Corporation 8X930AX Datasheet HTML 4Page - Intel Corporation 8X930AX Datasheet HTML 5Page - Intel Corporation 8X930AX Datasheet HTML 6Page - Intel Corporation 8X930AX Datasheet HTML 7Page - Intel Corporation 8X930AX Datasheet HTML 8Page - Intel Corporation 8X930AX Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 38 page
background image
ADVANCE INFORMATION
COPYRIGHT © INTEL CORPORATION, 1997
February 1997
Order Number: 272917-003
8
x930Ax
UNIVERSAL SERIAL BUS
MICROCONTROLLER
The 8
x930Ax USB microcontroller is based on an 8xC251Sx microcontroller core. It consists of standard
8
xC251Sx peripherals plus an added USB function. The 8x930Ax uses the standard instruction set of the
MCS 251 architecture, which is binary code compatible with the MCS 51 architecture. The USB function
integrates the USB transceiver, serial bus interface engine (SIE), function interface unit (FIU) and
transmit/receive FIFOs. The USB function also supports full-speed/low-speed data rates, suspend/resume
modes, isochronous/non-isochronous transfers, and is fully compliant with the USB rev 1.0 specification.
s Complete Universal Serial Bus
Specification 1.0 Compatibility
— Supports Isochronous and
Non-isochronous Data
— Bidirectional Half-duplex Link
s On-chip USB Transceiver
s Serial Bus Interface Engine (SIE)
— Packet Decoding/Generation
— CRC Generation and Checking
— NRZI Encoding/Decoding and
Bit-stuffing
s USB Reset Interrupt
s Four Transmit FIFOs
— Three 16-byte FIFOs
— One Configurable FIFO (up to
1 Kbyte)
s Four Receive FIFOs
— Three 16-byte FIFOs
— One Configurable FIFO (up to
1 Kbyte)
s Automatic Transmit/Receive FIFO
Management
s Suspend/Resume Operation
s Three New USB Interrupt Vectors
— USB Function Interrupt
— Start of Frame
— Suspend/Resume
s Phase-locked Loop
— 12 Mbps or 1.5 Mbps Data Rate
s Low Clock Mode
s User-selectable Configurations
— External Wait State
— Address Range
— Page Mode
s Real-time Wait Function
s 256-Kbyte External Code/Data Memory
Space
s On-chip ROM Options
— 0, 8, or 16 Kbytes
s 1 Kbyte On-chip Data RAM
s Four Input/Output Ports
— 1 Open-drain port
— 3 Quasi-bidirectional Ports
s Programmable Counter Array (PCA)
— 5 Capture/Compare Modules
s Serial I/O Port (UART)
s Hardware Watchdog Timer
s Three Flexible 16-bit Timer/Counters
s Power-saving Idle and Powerdown
Modes
s Register-based MCS® 251 Architecture
— 40-byte Register File
— Registers Accessible as Bytes,
Words, or Doublewords
s Code Compatible with MCS 51 and MCS
251 Microcontrollers
s 6 or 12 MHz Crystal Operation


Similar Part No. - 8X930AX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8X930HX INTEL-8X930HX Datasheet
304Kb / 38P
UNIVERSAL SERIAL BUS HUB PERIPHERAL CONTROLLER
More results

Similar Description - 8X930AX

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
X930A INTEL-X930A Datasheet
283Kb / 38P
UNIVERSAL SERIAL BUS MICROCONTROLLER
logo
Cypress Semiconductor
CY7C63000 CYPRESS-CY7C63000 Datasheet
358Kb / 27P
Universal Serial Bus Microcontroller
CY7C63101A CYPRESS-CY7C63101A Datasheet
293Kb / 31P
Universal Serial Bus Microcontroller
logo
ELAN Microelectronics C...
EM78611 EMC-EM78611 Datasheet
752Kb / 26P
Universal Serial Bus Microcontroller Series
EM78M611 EMC-EM78M611 Datasheet
955Kb / 38P
Universal Serial Bus Microcontroller Series
EM78M612 EMC-EM78M612 Datasheet
1Mb / 38P
Universal Serial Bus Microcontroller Series
EM78612 EMC-EM78612 Datasheet
158Kb / 28P
Universal Serial Bus Microcontroller
EM78M611E EMC-EM78M611E Datasheet
620Kb / 44P
Universal Serial Bus Series Microcontroller
logo
Cypress Semiconductor
CY7C63001A CYPRESS-CY7C63001A_04 Datasheet
496Kb / 25P
Universal Serial Bus Microcontroller
CY7C63001C CYPRESS-CY7C63001C Datasheet
1Mb / 28P
Universal Serial Bus Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com