Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 32 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 32 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 28Page - Intel Corporation 8X930AX Datasheet HTML 29Page - Intel Corporation 8X930AX Datasheet HTML 30Page - Intel Corporation 8X930AX Datasheet HTML 31Page - Intel Corporation 8X930AX Datasheet HTML 32Page - Intel Corporation 8X930AX Datasheet HTML 33Page - Intel Corporation 8X930AX Datasheet HTML 34Page - Intel Corporation 8X930AX Datasheet HTML 35Page - Intel Corporation 8X930AX Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 38 page
background image
28
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.6
External Clock Drive
Figure 17. External Clock Drive Waveforms
Table 15. External Clock Drive
Symbol
Parameter
Min
Max
Units
1/T
OSC
Oscillator Frequency (F
OSC)6
12
MHz
T
CHCX
High Time
0.35 T
OSC
0.65 T
OSC
ns
T
CLCX
Low Time
0.35 T
OSC
0.65 T
OSC
ns
T
CLCH
Rise Time
10
ns
T
CHCL
Fall Time
10
ns
0.7 V
CC
A4119-01
0.45 V
V
CC – 0.5
0.2 V
CC – 0.1
TCHCL
TCLCX
TCLCL
TCLCH
TCHCX



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com