Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 34 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 34 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 30Page - Intel Corporation 8X930AX Datasheet HTML 31Page - Intel Corporation 8X930AX Datasheet HTML 32Page - Intel Corporation 8X930AX Datasheet HTML 33Page - Intel Corporation 8X930AX Datasheet HTML 34Page - Intel Corporation 8X930AX Datasheet HTML 35Page - Intel Corporation 8X930AX Datasheet HTML 36Page - Intel Corporation 8X930AX Datasheet HTML 37Page - Intel Corporation 8X930AX Datasheet HTML 38Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 34 / 38 page
background image
30
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
6.0
THERMAL CHARACTERISTICS
This microcontroller operates over the commercial
temperature range from 0oC to 70oC. All thermal
impedance data (Table 16) is approximate for static
air conditions at 1 watt of power dissipation. Values
change depending on operating conditions and
application
requirements.
The
Intel
Packaging
Handbook (order number 240800) describes Intel’s
thermal
impedance
test
methodology.
The
Components Quality and Reliability Handbook
(order
number
210997)
provides
quality
and
reliability information.
7.0
PRODUCT REFERENCE
This section lists design considerations for the
8x930Ax Universal Serial Bus microcontroller.
7.1
External Bus Timing and
Peripheral Timing Affected by
PLLSEL2:0 Selection
PLLSEL2 (pin43), PLLSEL1 (pin 42), and PLLSEL0
(pin 44) determine the 8
x930Ax internal CPU
operating frequency. The selected CPU operating
frequency also influences all the peripherals. If the
PLLSEL2:0 pins of the 8
x930Ax are set to 110, then
the internal clock frequency is 12MHz, and one
state time equals one clock time (please refer to
Table 8 on page 12). Therefore, all internal and
external instruction times for the timer, serial port,
PCA,
are
two
times
faster
than
with
other
PLLSEL2:0 selections. Refer to the
8x930Ax,
8x930Hx
Universal
Serial
Bus
Microcontroller
User’s Manual for the new peripheral timing
formulas.
7.2
Low Clock Mode Frequency
In low clock mode, the CPU and peripherals run at 3
MHz. All external bus accesses are affected,
including instruction fetch, data read/write, and
peripheral timing. Please refer to Table 8 on page
12 for the relationship of 3 MHz CPU and peripheral
timing (T
CLK) to state times. One peripheral cycle is
6 state times.
7.3
Setting FFRC Bit Clears Only the
Oldest Packet in the FIFO
If the receive FIFO is set as a dual packet mode, it
can receive two packets. Setting FFRC to indicate
FIFO Read Complete will not flush the entire FIFO,
only the oldest packet will be flushed. The read
marker will be advanced to the location of the read
pointer.
7.4
Series Resistor Requirement for
Impedance Matching
Per the USB 1.0 specification (page 111, section
7.1.1.1), the impedance of the differential driver
must be between 29 and 44 Ohms. To match the
cable impedance, a series resistor of 27 to 33 Ohms
should be connected to each USB line; i.e., on D
P
0
(pin 55) and on D
M
0 (pin 54). If the USB line is
improperly terminated or not matched, signal fidelity
will suffer. This can be seen on the scope as
excessive overshoot and undershoot. This will
potentially introduce bit errors.
7.5
Pullup Requirement for Full
Speed Device and Low Speed
Device
The pullup is a USB requirement to allow the host to
identify which devices are low speed and which are
full speed in order to communicate at the appro-
priate data rate. For Full Speed devices (12 Mbps)
use a 1.5K pullup resistor (to 3.0 V – 3.6 V) on the
D
P
0 line. For Low Speed devices (1.5Mbps), use a
1.5K pullup resistor (to 3.0 V – 3.6 V) on the D
M
0
line.
7.6
Powerdown Mode Cannot Be
Invoked Before USB Suspend
If the 8
x930Ax is put into powerdown mode prior to
receiving a USB Suspend signal from the host, a
USB Resume will not properly wake up the
8
x930Ax from powerdown mode.
Table 16. Thermal Characteristics
Package Type
θ
JA
θ
JC
68-pin PLCC
N/A
N/A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com