Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 14 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 14 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 10Page - Intel Corporation 8X930AX Datasheet HTML 11Page - Intel Corporation 8X930AX Datasheet HTML 12Page - Intel Corporation 8X930AX Datasheet HTML 13Page - Intel Corporation 8X930AX Datasheet HTML 14Page - Intel Corporation 8X930AX Datasheet HTML 15Page - Intel Corporation 8X930AX Datasheet HTML 16Page - Intel Corporation 8X930AX Datasheet HTML 17Page - Intel Corporation 8X930AX Datasheet HTML 18Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 38 page
background image
10
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
†
RD1:0 are bits 3:2 of configuration byte UCONFIG0. Refer to figure 4-3 on page 4-5 in the
8x930Ax Uni-
versal Serial Bus Microcontroller User’s Manual.
4.0
ADDRESS MAP
Table 6. Memory Signal Selections (RD1:0)
RD1:0
†
A17/P1.7
/CEX4/WCLK
A16/P3.7/RD#
PSEN#
WR#
Features
0 0
A17
A16
Asserted for
all addresses
Asserted for writes to
all memory locations
256-Kbyte external
memory
0 1
P1.7/CEX4/WCLK
A16
Asserted for
all addresses
Asserted for writes to
all memory locations
128-Kbyte external
memory
1 0
P1.7/CEX4/WCLK
P3.7 only
Asserted for
all addresses
Asserted for writes to
all memory locations
64-Kbyte external
memory
One additional port
pin
1 1
P1.7/CEX4/WCLK
RD# Asserted
for addresses
≤ 7F:FFFFH
Asserted for
addresses
≥ 80:0000H
Asserted for all com-
patible MCS 51 mem-
ory locations
Compatible with
MCS 51 microcon-
trollers
Table 7. 8
x930Ax Address Map
Internal
Address
Description
Notes
FF:FFFFH
FF:0000H
External Memory: The last eight bytes of the external address range FF:XFF8H–
FF:XFFFH contain configuration byte information.
1, 2, 3
FE:FFFFH
FE:0000H
External Memory
2
FD:FFFFH
02:0000H
Reserved Addresses
4
01:FFFFH
01:0000H
External Memory
2
00:FFFFH
00:0420H
External Memory
5
00:041FH
00:0080H
On-chip RAM
5
00:007FH
00:0020H
On-chip RAM
6
00:001FH
00:0000H
Storage for R0–R7 of Register File
7, 8
NOTES:
1.
Eighteen address lines are bonded out (A15:0, A16:0, or A17:0 selected during chip configuration).
2.
Data in this area is accessible by indirect addressing only.
3.
Eight addresses at the top of all external memory maps are reserved for current and future device
configuration byte information.
4.
This reserved area returns unspecified values and writes no data.
5.
Data is accessible by direct and indirect addressing.
6.
Data is accessible by direct, indirect, and bit addressing.
7.
The special function registers (SFRs) and the register file have separate internal address spaces.
8.
Data is accessible by direct, indirect, and register addressing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com