Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 36 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 36 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 30Page - Intel Corporation 8X930AX Datasheet HTML 31Page - Intel Corporation 8X930AX Datasheet HTML 32Page - Intel Corporation 8X930AX Datasheet HTML 33Page - Intel Corporation 8X930AX Datasheet HTML 34Page - Intel Corporation 8X930AX Datasheet HTML 35Page - Intel Corporation 8X930AX Datasheet HTML 36Page - Intel Corporation 8X930AX Datasheet HTML 37Page - Intel Corporation 8X930AX Datasheet HTML 38Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 36 / 38 page
background image
32
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
Table 19. AC Characteristics for 8x930Ax3 and 8x930Ax4 in Compatibility Mode
Symbol
Parameter
8x930Ax3/8x930Ax4
Compatibility Mode (ns)
(EDF# =1) (1)
T
AVLL
Address Valid to ALE Low
(0.5+M)T
CLK - 13 [min]
T
LLAX
Address Hold after ALE Low
10 [min]
T
WLWH
WR# Pulse Width
(1+N)T
CLK - 10 [min]
T
LLRL
ALE Low to RD# or PSEN# low
10 [min]
T
LHAX
ALE High to Address Hold
(1+M)T
CLK - 27 [min]
T
RLDV
RD# or PSEN# Low to Valid Data/Inst. In
(1+N)T
CLK - 30 [max]
T
RLAZ
RD# or PSEN# Low to Address Float
3 max (2)
T
RHDZ
2
Data Float After PSEN# or RD# High
T
CLK + 10 [max]
T
RHLH
2
RD# or PSEN# High to ALE High (data)
T
CLK + 10 [min]
T
WHLH
WR# High to ALE High
T
CLK+10 [min]
T
AVDV
2
Address (demux’ed) Valid to Valid Data/Instr. In
(2+M+N)T
CLK - 38 [max]
T
AVRL
Address Valid to RD# or PSEN# Low
(1+M)T
CLK - 40 [min]
T
AVWL
1
Address (mux’ed) Valid to WR# Low
(1+M)T
CLK - 40 [min]
NOTES:
1.
Device configured with default data float timing for fast memory interface.
2.
Typical value is 0 ns.
Table 20. 8
x930Ax3 and 8x930Ax4 Default and Extended Data Float Timings
Sym-
bol
Parameter
Default Data Float
Timing (ns)
Compatibility Mode
(EDF# =1) (1,2,4,5)
Extended Data Float
Timing (ns)
Increased T
RHDZ
1 mode
(EDF#=0) (1,3,4,5)
T
LLAX
Address Hold after ALE Low
10 [min]
20 [min]
T
RLRH
RD# or PSEN# Pulse Width
(1+N)T
CLK - 10 [min]
(1+N)T
CLK - 32 [min]
T
WLWH
WR# Pulse Width
(1+N)T
CLK - 10 [min]
(1+N)T
CLK - 32 [min]
T
LLRL
ALE Low to RD# or PSEN# low
10 [min]
20 [min]
T
LHAX
ALE High to Address Hold
(1+M)T
CLK - 27 [min]
(0.5+M)T
CLK + 15 [min]
T
RLDV
RD# or PSEN# Low to Valid Data/Inst. In
(1+N)T
CLK - 30 [max]
(1+N)T
CLK - 50 [max]
T
RHDZ
1
Instruct. Float After PSEN# or RD# High
10 [max]
(0.5)T
CLK - 5 [max]
NOTES:
1.
Worst-case numbers based on silicon data collected to date.
2.
Device configured with default data float timing for fast memory interface.
3.
Device configured with extended data float timing for slow memory interface.
4.
The values listed are for 12 MHz. For 6 MHz, the value of T
CLK will double and will equal 166.6 ns.
5.
M=0,1 is the extended ALE state; N= 0,1,2,3 is the RD#/PSEN#/WR# wait state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com