Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 16 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 16 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 12Page - Intel Corporation 8X930AX Datasheet HTML 13Page - Intel Corporation 8X930AX Datasheet HTML 14Page - Intel Corporation 8X930AX Datasheet HTML 15Page - Intel Corporation 8X930AX Datasheet HTML 16Page - Intel Corporation 8X930AX Datasheet HTML 17Page - Intel Corporation 8X930AX Datasheet HTML 18Page - Intel Corporation 8X930AX Datasheet HTML 19Page - Intel Corporation 8X930AX Datasheet HTML 20Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 38 page
background image
12
ADVANCE INFORMATION
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
5.1
Operating Frequencies
Figure 5. Clock Circuit
Table 8. Frequency Selection and Operating Frequency
PLLSEL2
Pin 43
PLLSEL1
Pin 42
PLLSEL0
Pin 44
USB Rate
(Low
Speed
or Full
Speed)
8
x930Ax
Internal
Frequency
for CPU
and
Peripherals
(F
CLK)
(5)
XTAL1
External
Frequency
(F
OSC)
Number of
XTAL1
Clocks
(T
OSC)
in One
StateTime
(4)
Comments
0
0
1
1.5 Mbps
(LS)
3 MHz
6 MHz
2 T
OSC/state
PLL Off
1
0
0
1.5 Mbps
(LS)
6 MHz (3)
12 MHz
2 T
OSC/state
PLL Off
1
1
0
12 Mbps
(FS)
12 MHz (3)
12 MHz
1 T
OSC/state
PLL On
NOTES:
1.
Other PLLSEL
x combinations are not valid.
2.
The sampling rate is 4X the USB rate.
3.
The 8
x930Ax CPU and peripherals frequency is 3 MHz (low clock mode) until firmware disables the
low clock mode.
4.
The number of XTAL clocks in one state depends on the PLLSELx selections. When the CPU is oper-
ating at low clock mode (3 MHz), there are four T
OSC per state for the PLLSEL2:1:0 = 100 and 110.
5.
The AC timing specification (Table 11) defines the following symbol: CPU frequency = F
CLK = 1/TCLK.
Clock
Generator
A5135-01
XTAL1
XTAL2
FOSC
(6 or 12 MHz)
PCON.0
(Idle Mode)
IDL
PCON.1
(Powerdown)
0
1
PD
÷ 2
10
2
PLLSEL
FCLK
CPU
On-chip
Peripherals
Internal Clock
PCON.5
(Low-clock Mode)
LC
0
1
3 MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com