Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8X930AX Datasheet(PDF) 7 Page - Intel Corporation

Part # 8X930AX
Description  UNIVERSAL SERIAL BUS MICROCONTROLLER
PDF  38 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8X930AX Datasheet(HTML) 7 Page - Intel Corporation

Back Button 8X930AX Datasheet HTML 3Page - Intel Corporation 8X930AX Datasheet HTML 4Page - Intel Corporation 8X930AX Datasheet HTML 5Page - Intel Corporation 8X930AX Datasheet HTML 6Page - Intel Corporation 8X930AX Datasheet HTML 7Page - Intel Corporation 8X930AX Datasheet HTML 8Page - Intel Corporation 8X930AX Datasheet HTML 9Page - Intel Corporation 8X930AX Datasheet HTML 10Page - Intel Corporation 8X930AX Datasheet HTML 11Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 38 page
background image
ADVANCE INFORMATION
3
8x930Ax UNIVERSAL SERIAL BUS (USB) MICROCONTROLLER
1.0
NOMENCLATURE OVERVIEW
Figure 3. Product Nomenclature
Table 1. Description of Product Nomenclature
Parameter
Options
Description
Temperature and Burn-in
no mark
Commercial operating temperature range (0oC to 70oC) with
Intel standard burn-in.
Packaging Options
N
Plastic Leaded Chip Carrier (PLCC)
Program Memory Options
0
Without ROM
3
With ROM
Process and Voltage Information
no mark
CHMOS
Product Family
930
Advanced 8-bit microcontroller architecture with on-chip Uni-
versal Serial Bus (USB) function peripherals
Device Speed
no mark
6 or 12 MHz crystal
Table 2. Proliferation Options
Product Name
ROM Size
RAM Size
80930AD
0
1 Kbyte
83930AD
8 Kbytes
1 Kbyte
83930AE
16 Kbytes
1 Kbyte
XXXXX
XX
X
X
8
XX
X
A2815-01



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com