Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 8 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 8 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 4Page - Intel Corporation 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
AUTOMOTIVE 8XC196KB
DC CHARACTERISTICS (Under Listed Operating Conditions) (Continued)
Symbol
Parameter
Min
Typ
Max
Units
Test Conditions
ILI
Input Leakage Current
g
10
m
A0 k VIN k VCC b 03V
(Std Inputs)
ILI1
Input Leakage Current
g
3
m
A0 k VIN k VREF
(Port 0)
ITL
1 to 0 Transition Current
b
800
m
AVIN e 20V
(QBD Pins)
IIL
Logical 0 Input Current
b
50
m
AVIN e 045V
(QBD Pins)
IIL1
Logical 0 Input Current
b
9mA
VIN e 045V
in Reset (ALE RD INST)
IIL2
Logical 0 Input Current in
b
700
m
AVIN e 045V
Reset (WR P20 BHE)
HYST
Hysteresis on RESET Pin
250
mV
RRST
Reset Pullup Resistor
6K
50
X
CS
Pin Capacitance
10
pF
FTEST e 10 MHz
(Any Pin to VSS)
NOTES
(Notes apply to all specifications)
1 All pins except RESET and XTAL1 QBC (Quasi-bidirectional) pins include Port 1 P26 P27
2 Standard Outputs include AD0 – 15 RD WR ALE BHE INST HSO pins PWMP25 CLKOUT RESET Port 3 and 4
TXDP20 and RXD (in serial mode 0) The VOH specification is not valid for RESET Ports 3 and 4 are open drain outputs
3 Standard Inputs include HSI pins CDE EA READY BUSWIDTH NMI RXDP21 EXTINTP22 T2CLKP23 and
T2RSTP24
4 Maximum current per pin must be externally limited to the following values if VOL is held above 045V or VOH is held
below VCC b 07V
IOL on Output pins 10 mA
IOL on QBD pins self limiting
IOL on Standard Output pins 10 mA
5 Maximum current per bus pin (data and control) during normal operation is g32 mA
6 During normal (non-transient) conditions the following total current limits apply
Port 1 P26
IOL 29mA
IOH is Self Limiting
HSO P20 RXD RESET
IOL 29mA
IOH 26mA
P25 P27 WR BHE
IOL 13mA
IOH 11mA
AD0 – AD15
IOL 52mA
IOH 52mA
RD ALE INST CLKOUT
IOL 13mA
IOH 13mA
7 Typicals are based on limited number of samples and are not guaranteed The values listed are at room temperature and
VREF e VCC e 5V
ICC MAXe388cFreqa843
IIDLE MAXe165cFreqa52
270679 – 9
ICC TYPe25cFreqa80
IIDLE TYPe05cFreqa32
Figure 5 ICC vs Frequency
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com