Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 2 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 2 Page - Intel Corporation

  8XC196KB Datasheet HTML 1Page - Intel Corporation 8XC196KB Datasheet HTML 2Page - Intel Corporation 8XC196KB Datasheet HTML 3Page - Intel Corporation 8XC196KB Datasheet HTML 4Page - Intel Corporation 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 17 page
background image
AUTOMOTIVE 8XC196KB
270679 – 3
Figure 2 The 8XC196KB Family Nomenclature
ARCHITECTURE
The 8XC196KB is a member of the 8096 family as
such has the same architecture and uses the same
instruction set as the 8096 Many new features have
been added on the 8CX196KB including
CPU FEATURES
Divide by 2 instead of divide by 3 clock for a 15c
performance improvement
Faster instructions especially indexedindirect data
operations
1725 ms 16 x 16 multiply with 16 MHz clock (is
625 ms on the 8096)
Faster interrupt response (almost twice as fast)
Powerdown and Idle Modes
6 new instructions
8 new interrupt vectors6 new interrupt sources
PERIPHERAL FEATURES
SFR window switching allows read-only SFRs to be
written and vice-versa
Timer 2 can count up and down by external selec-
tion
Timer 2 has an independent capture register on ris-
ing edges of (P27)
HSO line events are stored in a register
HSO has CAM lock and CAM clear commands
New baud rate values are needed for serial port
which enables higher speeds in all modes
Double buffered serial port transmit register (before
only receive was double buffered)
Serial port receive overrun and framing error detec-
tion
PWM has a divide by 2 prescaler
HOLDHLDA bus protocol
THERMAL CHARACTERISTICS
PLCC
iJA
35 CW
iJC
12 CW
Max Case
135 C
Temperature
NEW INSTRUCTIONS
PUSHA
PUSHes the PSW IMASK IMASK1 and
WSR (used instead of PUSHF when us-
ing the new interrupts and registers)
POPA
POPs the PSW IMASK IMASK1 and
WSR (used instead of POPF when using
the new interrupts and registers)
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com