Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 13 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 13 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation 8XC196KB Datasheet HTML 14Page - Intel Corporation 8XC196KB Datasheet HTML 15Page - Intel Corporation 8XC196KB Datasheet HTML 16Page - Intel Corporation 8XC196KB Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AUTOMOTIVE 8XC196KB
AC TESTING INPUT OUTPUT WAVEFORMS
270679 – 7
AC Testing inputs are driven at 24V for logic ‘‘1’’ and 045V for a
logic ‘‘0’’ Timing measurements are made at 20V for a logic ‘‘1’’
and 08V for logic ‘‘0’’
FLOAT WAVEFORMS
270679 – 8
For timing purposes a port pin is no longer floating when a 100
mV change from load voltage occurs and begins to float when a
100 mV change from the loading VOH VOL level occurs IOL IOH
s
g
15 mA
EXPLANATION OF AC SYMBOLS
Each symbol is two pairs of letters prefixed by ‘‘t’’ for
time The characters in a pair indicate a signal and
its condition respectively Symbols represent the
time between the two signalcondition points
Conditions
Signals
H
High
A
Address
L
ALEADV
L
Low
B
BHE
R
RD
V
Valid
C
CLKOUT W
WR WRH WRI
X
No Longer Valid D
Data
X
XTAL1
Z
Floating
GBuswidth
Y
Ready
AC CHARACTERISTICSSERIAL PORTSHIFT REGISTER MODE
SERIAL PORT TIMINGSHIFT REGISTER MODE
Test Conditions TCeb40 Cto a125 C VCC e 50V g10% VSS e 00V Load Capacitance e 80 pF
Symbol
Parameter
Min
Max
Unit
TXLXL
Serial Port Clock Period(9)
6TOSC 4 TOSC
ns
TXLXH
Serial Port Clock Falling Edge
4 TOSCb502 TOSCb50 4 TOSCa502 TOSCb50 ns
to Rising Edge(9)
TQVXH
Output Data Setup to Clock Rising Edge
2 TOSCb50
ns
TXHQX
Output Data Hold after Clock Rising Edge
2 TOSCb50
ns
TXHQV
Next Output Data Valid
2 TOSCa50
ns
after Clock Rising Edge
TDVXH
Input Data Setup to Clock Rising Edge
TOSCa50
ns
TXHDX(8) Input Data Hold after Clock Rising Edge
0
ns
TXHQZ(8) Last Clock Rising to Output Float
TOSC
ns
NOTES
8 Parameter not tested
9 Baud Rate Register t 8002HBaud Rate Register e 8001H
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com