Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 17 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 17 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation 8XC196KB Datasheet HTML 14Page - Intel Corporation 8XC196KB Datasheet HTML 15Page - Intel Corporation 8XC196KB Datasheet HTML 16Page - Intel Corporation 8XC196KB Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 17 / 17 page
background image
AUTOMOTIVE 8XC196KB
DATA SHEET REVISION HISTORY
This is the -005 revision of the 8XC196KB data
sheet and is valid for devices marked with a ‘‘F’’ or
‘‘G’’ at the end of the topside tracking number The
following differences exist between the -004 revision
and the -005 revision
1 All performance related data is now quoted at
16 MHz The maximum clock rate has changed
from 12 MHz to 16 MHz
2 Max power dissipation changes from 043W to
15W
3 ICC max has changed from 60 mA to 70 mA
4 ICC typical has changed from 40 mA to 50 mA
5 IREF typical has changed from 1 mA to 2 mA
6 IIDLE has changed from 25 mA to 35 mA
7 VIH2 min has changed from 24V to 25V
8 VOH1 test condition for VCC b 03V has changed
from b7 mAto b15 mA
9 ITL has changed from b650 mAto b800 mA
10 IIL1 has changed from b12 mA to b9 mA
11 IIL1 now only applies to ALE RD and INST
12 RRST max has changed from 100 KX to 50 KX
13 Added spec for RESET pin hysteresis and IIL2
for WR P20 and BHE
14 TAVYV has changed from 2 TOSC b 85 ns to
2TOSC b 75 ns
15 TLLYV has changed from TOSC b 72 ns to TOSC
b
60 ns
16 TAVGV has changed from 2 TOSC b 85 ns to
2TOSC b 75 ns
17 TAVDV has changed from 3 TOSC b 65 ns to
3TOSC b 55 ns
18 FXTAL max has changed from 12 MHz to
16 MHz
19 TOSC min has changed from 83 ns to 625 ns
20 TXHCH min has changed from 40 ns to 20 ns
21 TCLLH minmax has changed from b5 ns15 ns
to b10 ns10 ns
22 TLHLL minmax has changed from TOSC
g
12 ns to TOSC g10 ns
23 TAVLL has changed from TOSC b 20 ns to TOSC
b
30 ns
24 TLLRL has changed from TOSC b 40 ns to TOSC
b
35 ns
25 TRLCL minmax has changed from 5 ns30 ns
to 4 ns25 ns
26 TRLRH has changed from TOSC b 5nstoTOSC
b
10 ns
27 TRLAZ has changed from 12 ns to 5 ns
28 TCHWH minmax has changed from b10 ns
10 ns to b5 ns15 ns
29 TWLWH minmax has changed from TOSC b
30 ns to TOSC b 15 ns
30 TWHQX has changed from TOSC b 10 ns to
TOSC b 15 ns
31 TWHLH minmax has changed from TOSC b
10 nsTOSC a 15 ns to TOSC b 20 nsTOSC a
10 ns
32 TWHBX has changed from TOSC b 10 ns to
TOSC b 15 ns
33 TWHAX has changed from TOSC b 50 ns to
TOSC b 30 ns
34 TRHAX has changed from TOSC b 50 ns to
TOSC b 25 ns
35 Functional deviation number 1 has been re-
moved (DJWZ is now functional)
36 Functional deviation number 3 has been re-
moved (SIO framing flag now works correctly)
37 Functional deviation number 5 has been re-
moved (SIO RI now correctly generated)
38 Functional deviation number 6 has been cor-
rected The divide during HOLD bug has been
fixed
39 The section ‘‘Other Design Considerations KB
B-0 to KB C-1’’ has been added
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com