Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 1 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 1 Page - Intel Corporation

  8XC196KB Datasheet HTML 1Page - Intel Corporation 8XC196KB Datasheet HTML 2Page - Intel Corporation 8XC196KB Datasheet HTML 3Page - Intel Corporation 8XC196KB Datasheet HTML 4Page - Intel Corporation 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
Other brands and names are the property of their respective owners
Information in this document is provided in connection with Intel products Intel assumes no liability whatsoever including infringement of any patent or
copyright for sale and use of Intel products except as provided in Intel’s Terms and Conditions of Sale for such products Intel retains the right to make
changes to these specifications at any time without notice Microcomputer Products may have minor variations to this specification known as errata
February 1995
COPYRIGHT
INTEL CORPORATION 1995
Order Number 270679-005
8XC196KB
ADVANCED 16-BIT CHMOS MICROCONTROLLER
ROMless OR ROM
Automotive
Y
b
40 Cto a125 C Ambient
Y
232 Bytes of On-Chip Register RAM
Y
8 Kbytes of On-Chip ROM (Optional)
Y
High-Performance CHMOS Process
Y
Register-to-Register Architecture
Y
10-Bit AD Converter with SH
Y
Five 8-Bit IO Ports
Y
28 Interrupt Sources
Y
Pulse Width Modulated Output
Y
Powerdown and Idle Modes
Y
High Speed IO Subsystem
Y
Dynamically Configurable 816-Bit
Buswidth
Y
Full Duplex Serial Port
Y
Dedicated Baud Rate Generator
Y
1725 ms 16 x 16 Multiply
Y
3 ms 3216 Divide
Y
16-Bit Watchdog Timer
Y
16-Bit Timer
Y
16-Bit UpDown Counter wCapture
Y
Four 16-Bit Software Timers
Y
HOLDHOLDA Bus Protocol
The 8XC196KB 16-bit microcontroller comes with 8 Kbytes of on-chip mask programmable ROM or in ROM-
less versions All devices are high performance members of the 8096 microcontroller family The 8XC196KB is
pin-to-pin compatible and uses a true superset of the 8096 instructions Intel’s CHMOS process provides a
high performance processor along with low power consumption To further reduce power requirements the
processor can be placed into Idle or Powerdown Mode
Bit byte word and some 32-bit operations are available on the 8XC196KB With a 16 MHz oscillator a 16-bit
addition takes 0495 ms and the instruction times average 0375 ms to 1125 ms in typical applications
Four high-speed capture inputs are provided to record times when events occur 4 a 2 high-speed outputs are
available for pulse or waveform generation The high-speed output can also generate four software timers or
start an AD conversion Events can be based on the 16-bit timer or a 16-bit updown counter
Also provided on-chip are an 8 channel 10-bit AD converter with Sample and Hold a serial port with
synchronousasynchronous modes and on-chip baud rate generator a 16-bit watchdog timer pulse width
modulated output with prescaler and an on-chip clock failure detect circuitry
270679 – 1
Figure 1 8XC196KB Block Diagram


Similar Part No. - 8XC196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
8XC196KB INTEL-8XC196KB Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC196KB INTEL-8XC196KB Datasheet
380Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
logo
ARTSCHIP ELECTRONICS CO...
8XC196KB ARTSCHIP-8XC196KB Datasheet
1Mb / 22P
Commercial/Express CHMOS Microcontroller
logo
Intel Corporation
8XC196KB16 INTEL-8XC196KB16 Datasheet
337Kb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
8XC196KB16 INTEL-8XC196KB16 Datasheet
1Mb / 22P
COMMERCIAL/EXPRESS CHMOS MICROCONTROLLER
More results

Similar Description - 8XC196KB

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
80C196EA INTEL-80C196EA Datasheet
445Kb / 46P
CHMOS 16-BIT MICROCONTROLLER
83C196EA INTEL-83C196EA Datasheet
379Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
83C196LC INTEL-83C196LC Datasheet
134Kb / 22P
CHMOS 16-BIT MICROCONTROLLER
87C196CA INTEL-87C196CA Datasheet
453Kb / 33P
ADVANCED 16-BIT CHMOS MICROCONTROLLER WITH INTEGRATED CAN 2.0
87C196KR INTEL-87C196KR Datasheet
324Kb / 25P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196KT INTEL-87C196KT Datasheet
428Kb / 34P
ADVANCED 16-BIT CHMOS MICROCONTROLLER
87C196LA INTEL-87C196LA Datasheet
309Kb / 21P
CHMOS 16-BIT MICROCONTROLLER
87C196LB INTEL-87C196LB Datasheet
463Kb / 19P
CHMOS 16-BIT MICROCONTROLLER
88CO196EC INTEL-88CO196EC Datasheet
660Kb / 44P
CHMOS 16-Bit Microcontroller
EG80296SA50 INTEL-EG80296SA50 Datasheet
345Kb / 40P
CHMOS 16-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com