Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 11 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 11 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation 8XC196KB Datasheet HTML 14Page - Intel Corporation 8XC196KB Datasheet HTML 15Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
AUTOMOTIVE 8XC196KB
ReadyBuswidth Timing
270679 – 5
HOLD HLDA Timings
Symbol
Description
Min
Max
Units
Notes
THVCH
HOLD Setup
1
80C196KB
75
ns
83C196KB
85
TCLHAL
CLKOUT Low to HLDA Low
b
15
15
ns
TCLBRL
CLKOUT Low to BREQ Low
b
15
15
ns
THALAZ
HLDA Low to Address Float
80C196KB
15
ns
83C196KB
20
THALBZ
HLDA Low to BHE INST RD WR Float
ns
TCLHAH
CLKOUT Low to HLDA High
b
15
15
ns
TCLBRH
CLKOUT Low to BREQ High
b
15
15
ns
THAHAX
HLDA High to Address No Longer Float
b
5ns
THAHBV
HLDA High to BHE INST RD WR Valid
b
20
ns
TCLLH
CLKOUT Low to ALE High
b
515
ns
NOTE
1 To guarantee recognition at next clock
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com