Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 10 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 10 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation 8XC196KB Datasheet HTML 14Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 17 page
background image
AUTOMOTIVE 8XC196KB
AC CHARACTERISTICS Over Specified Operating Conditions (Continued)
Test Conditions Capacitance load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 16 MHz
The system must meet these specifications to work with the 8XC196KB
Symbol
Parameter
Min
Max
Units
TWHQX
Data Hold after WR Rising Edge
TOSC b 15
ns
TWHLH
WR Rising Edge to ALEADV
TOSC b 20
TOSC a10
ns
Rising Edge(3)
TWHBX
BHE INST HOLD after WR RD Rising Edge
TOSC b 15
ns
TWHAX
AD8 – 15 Hold after WR RD
TOSC b 30
ns
Rising Edge
TRHBX
BHE INST HOLD after RD Rising
TOSC b 10
ns
TRHAX
AD8 – 15 HOLD after RD Rising
TOSC b 25
ns
NOTES
1 Typical specification not guaranteed
2 Assuming back-to-back bus cycles
TOSC e 625 ns at 16 MHz TOSC e 100 ns at 10 MHz TOSC e 125 ns at 8 MHz
System Bus Timing
270679 – 4
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com