Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 15 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 15 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation 8XC196KB Datasheet HTML 14Page - Intel Corporation 8XC196KB Datasheet HTML 15Page - Intel Corporation 8XC196KB Datasheet HTML 16Page - Intel Corporation 8XC196KB Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 15 / 17 page
background image
AUTOMOTIVE 8XC196KB
Parameter
Typical (1)
Minimum
Maximum
Units
Resolution
512
1024
Level
9
10
Bits
Absolute Error
0
g
6
LSBs
Full Scale Error
025 g05
LSBs
Zero Offset Error
b
025 g05
LSBs
Non-Linearity
15 g 25
0
g
4
LSBs
Differential Non-Linearity
l b
1
a
2
LSBs
Channel-to-Channel Matching
g
01
0
g
1
LSBs
Repeatability
g
025
LSBs(1)
Temperature Coefficients
Offset
0009
LSBC(1)
Full Scale
0009
LSBC(1)
Differential Non-Linearity
0009
LSBC(1)
Off Isolation
b
60
dB(1 2 4)
Feedthrough
b
60
dB(1 2)
VCC Power Supply Rejection
b
60
dB(1 2)
Input Resistance
1K
5K
X(1)
DC Input Leakage
0
3
m
A
Sample Time (Prescaler onoff)
158
States (3)
Input Capacitance
3
pF
NOTES
These values are expected for most parts at 25 C but are not tested or guaranteed
An ‘‘LSB’’ as used here has a value of approximately 5 mV (See Automotive Handbook for AD glossary of terms
1 These values are not tested in production and are based on theoretical estimates andor laboratory test
2 DC to 100 KHz
3 One state e 125 ns
16 MHz 333 ns
6 MHz
4 Multiplexer Break-Before-Make Guaranteed
80C196KB FUNCTIONAL DEVIATIONS
The 80C196KB has the following problems
1 The HSI unit has two errata one dealing with res-
olution and the other with first entries into the
FIFO
The HSI resolution is 9 states instead of 8 states
Events on the same line may be lost if they occur
faster than once every 9 state times
There is a mismatch between the 9 state time HSI
resolution and the 8 state time timer This causes
one time value to be unused every 9 timer counts
Events may receive a time-tag one count later
than expected because of this ‘‘skipped’’ time val-
ue
If the first two events into an empty FIFO (not
including the Holding Register) occur in the same
internal phase both are recorded with one time-
tag Otherwise if the second event occurs within
9 states after the first its time-tag is one count
later than the first’s If this is the ‘‘skipped’’ time
value the second event’s time-tag is 2 counts lat-
er than the first’s
If the FIFO and Holding Register are empty the
first event will transfer into the Holding Register
after 8 state times leaving the FIFO empty again
If the second event occurs after this time it will
act as a new first event into an empty FIFO
2 If an AD conversion in progress is aborted by
starting a new AD conversion results of the sec-
ond conversion may be inaccurate
15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com