Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 9 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 9 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
AUTOMOTIVE 8XC196KB
AC CHARACTERISTICS Over Specified Operating Conditions
Test Conditions Capacitance load on all pins e 100 pF Rise and fall times e 10 ns FOSC e 16 MHz
The system must meet these specifications to work with the 8XC196KB
Symbol
Parameter
Min
Max
Units
TAVYV
Address Valid to READY Setup
2 TOSC b 75
ns
TLLYV
ALE Low to READY Setup
TOSC b 60
ns
TYLYH
Non READY Time
No Upper Limit
ns
TCLYX
READY Hold after CLKOUT Low
0
TOSC b 30
ns(1)
TLLYX
READY Hold after ALE Low
TOSC b 15
2 TOSC b 40
ns(1)
TAVGV
Address Valid to Buswidth Setup
2 TOSC b 75
ns
TLLGV
ALE Low to Buswidth Setup
TOSC b 60
ns
TCLGX
Buswidth Hold after CLKOUT Low
0
ns
TAVDV
Address Valid to Input Data Valid
3 TOSC b 55
ns
TRLDV
RD Active to Input Data Valid
TOSC b 23
ns
TCLDV
CLKOUT Low to Input Data Valid
TOSC b 50
ns
TRHDZ
End of RD to Input Data Float
TOSC b 20
ns
TRXDX
Data hold after RD Inactive
0
ns
FXTAL
Oscillator Frequency
35
16
MHz
TOSC
Oscillator Period (1fXTAL)
625
286
ns
TXHCH
XTAL1 High to CLKOUT High or LOW(1)
20
110
ns
TCLCL
CLKOUT Period
2 TOSC
ns
TCHCL
CLKOUT High Period
TOSC b 10
TOSC a 10
ns
TCLLH
CLKOUT Falling Edge to ALE Rising
b
10
10
ns
TLLCH
ALEADV Falling Edge to CLKOUT Rising
b
15
15
ns
TLHLH
ALEADV Cycle Time
4 TOSC
ns
TLHLL
ALEADV High Period
TOSC b 10
TOSC a 10
ns
TAVLL
Address Setup to ALEADV Falling Edge
TOSC b 30
ns
TLLAX
Address Hold after ALEADV Falling Edge
TOSC b 40
ns
TLLRL
ALEADV Falling Edge to RD Falling Edge
TOSC b 35
ns
TRLCL
RD Low to CLKOUT Falling Edge
4
25
ns
TRLRH
RD Low Period
TOSC b 10
TOSC a 25
ns
TRHLH
RD Rising Edge to ALEADV
TOSC
TOSC a 25
ns
Rising Edge(3)
TRLAZ
RD Low to Address Float
5
ns
TLLWL
ALEADV Falling Edge to WR Falling Edge
TOSC b 10
ns
TCLWL
CLKOUT Low to WR Falling Edge
0
25
ns
TQVWH
Data Stable to WR Rising Edge
TOSC b 23
ns
TCHWH
CLKOUT High to WR Rising Edge
b
515
ns
TWLWH
WR Low Period
TOSC b 15
TOSC a 5ns
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com