Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 5 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 5 Page - Intel Corporation

  8XC196KB Datasheet HTML 1Page - Intel Corporation 8XC196KB Datasheet HTML 2Page - Intel Corporation 8XC196KB Datasheet HTML 3Page - Intel Corporation 8XC196KB Datasheet HTML 4Page - Intel Corporation 8XC196KB Datasheet HTML 5Page - Intel Corporation 8XC196KB Datasheet HTML 6Page - Intel Corporation 8XC196KB Datasheet HTML 7Page - Intel Corporation 8XC196KB Datasheet HTML 8Page - Intel Corporation 8XC196KB Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
AUTOMOTIVE 8XC196KB
PIN DESCRIPTIONS
Symbol
Name and Function
VCC
Main Supply Voltage (a5V)
VSS
Digital Circuit Ground (0V) There are three VSS pins all of which MUST be connected
VREF
Reference for the AD Converter (a5V) VREF is also the supply voltage to the analog portion
of the AD converter and the logic used to read Port 0 Must be connected for AD and Port 0
to function
ANGND
Reference Ground for the AD Converter Must be held at nominally the same potential as
VSS
VPP
Programming Voltage for the EPROM Parts It should be a1275V for programming This pin
was VBB on 8X9X-90 parts It is also the timing pin for the return from powerdown circuit
Connect this pin with a 1 mF capacitor to VSS anda1MX resistor to VCC If this function is not
used VPP may be tied to VCC
XTAL1
Input of the Oscillator Inverter and the Internal Clock Generator
XTAL2
Output of the Oscillator Inverter
CLKOUT
Output of the Internal Clock Generator The frequency of CLKOUT is
the oscillator
frequency It has a 50% duty cycle
RESET
Reset Input to the Chip Input low for at least 4 state times will reset the chip The subsequent
low to high transition resynchronizes CLKOUT and commences a 10-state time sequence in
which the PSW is cleared a byte is read from 2018H loading the CCB and a jump to location
2080H is executed Input high for normal operation RESET has an internal pullup
BUSWIDTH
Input for Bus Width Selection If CCR bit 1 is a one this pin selects the buswidth for the bus
cycle in progress If BUSWIDTH is low an 8-bit cycle occurs If BUSWIDTH is high a 16-bit
cycle occurs If CCR bit 1 is a 0 the bus is always an 8-bit bus This pin is the TEST pin on the
8X9X-90 parts Systems with TEST tied to VCC need NOT change
NMI
A positive transition causes an interrupt vector through external memory location 203EH
INST
Output High during an External Memory Read Indicates the read is an instruction fetch INST
is valid throughout the bus cycle INST is active only during external memory fetches during
internal EPROMROM fetches INST is held low
EA
Input for Memory Select (External Access) EA equal to a TTL-high causes memory accesses
to locations 2000H through 3FFFH to be directed to on-chip EPROMROM EA equal to a
TTL-low causes accesses to these locations to be directed to off-chip memory EA e
a
1275V causes execution to begin in the Programming Mode EA has an internal pulldown
so it defaults to execute from external memory unless otherwise driven EA is latched at
reset
ALEADV
Address Latch Enable or Address Valid Output as Selected by CCR Both pin options provide
a latch to demultiplex the address from the addressdata bus When the pin is ADV it goes
inactive (high) at the end of the bus cycle ADV can be used as a chip select for external
memory ALEADV is active only during external memory accesses
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com