Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

8XC196KB Datasheet(PDF) 14 Page - Intel Corporation

Part # 8XC196KB
Description  ADVANCED 16-BIT CHMOS MICROCONTROLLER ROMless OR ROM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

8XC196KB Datasheet(HTML) 14 Page - Intel Corporation

Back Button 8XC196KB Datasheet HTML 9Page - Intel Corporation 8XC196KB Datasheet HTML 10Page - Intel Corporation 8XC196KB Datasheet HTML 11Page - Intel Corporation 8XC196KB Datasheet HTML 12Page - Intel Corporation 8XC196KB Datasheet HTML 13Page - Intel Corporation 8XC196KB Datasheet HTML 14Page - Intel Corporation 8XC196KB Datasheet HTML 15Page - Intel Corporation 8XC196KB Datasheet HTML 16Page - Intel Corporation 8XC196KB Datasheet HTML 17Page - Intel Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 17 page
background image
AUTOMOTIVE 8XC196KB
A to D CHARACTERISTICS
There are two modes of AD operation with and
without clock prescaler The modes are shown in the
table below In mode 2 with the clock prescaler dis-
abled the maximum XTAL1 frequency is 80 MHz
Accuracy will degrade at higher frequencies in this
mode The frequency divider option is provided to
obtain higher accuracy outside of the currently spec-
ified operating conditions
The converter is ratiometric so the absolute accura-
cy is directly dependent on the accuracy and stability
of VREF VREF must be close to VCC since it supplies
both the resister ladder and the digital section of the
converter
AD Converter Specifications
The specifications given below assume adherence
to the operating conditions section of this data
sheet Testing is performed in mode 2 with VREF e
512V and 8 MHz operating clock frequency
WAVEFORMSERIAL PORTSHIFT REGISTER MODE
SERIAL PORT WAVEFORMSHIFT REGISTER MODE
270679 – 28
Clock Prescaler ON
Clock Prescaler OFF
IOC24 e 0
IOC24 e 1
Mode 1
158 States for Execution
Mode 2
91 States for Execution
2633 ms
12 MHz
2275 ms
8 MHz (Maximum)
NOTE
IOC23 e 0 The No Sample and Hold feature is not available on the 8XC196KB device
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com